Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSMH2410D-R68N Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSMH2410D-R68N
Description  SMD WIRE WOUND POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSMH2410D-R68N Datasheet(HTML) 1 Page - Frontier Electronics.

  CSMH2410D-R68N Datasheet HTML 1Page - Frontier Electronics. CSMH2410D-R68N Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSMH2410D Series
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Rev. A
A. Electrical Specifications:
P/N
Inductance
@100KHz
(μH)
Inductance
Tolerance
DCR ±20%
(Ω)
Rated Current (A)
SRF Min.
(MHz)
I sat
I rms
CSMH2410D-R68N
0.68
N
0.06
2.200
1.570
120
CSMH2410D-1R0N
1.0
N
0.07
1.800
1.410
106
CSMH2410D-1R5M
1.5
M
0.11
1.550
1.160
94
CSMH2410D-2R2M
2.2
M
0.15
1.290
0.970
77
CSMH2410D-3R3M
3.3
M
0.22
1.000
0.770
56
CSMH2410D-4R7M
4.7
M
0.29
0.880
0.670
50
CSMH2410D-6R8M
6.8
M
0.41
0.750
0.570
43
CSMH2410D-100M
10
M
0.69
0.550
0.450
32
CSMH2410D-150M
15
M
1.02
0.470
0.370
27
CSMH2410D-220M
22
M
1.47
0.390
0.300
22
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
CSMH2410D
2.4
(0.094)
2.4
(0.094)
1.0
(0.039)
0.6
(0.024)
1.45
(0.057)
1.45
(0.057)
0.7
(0.028)
2.0
(0.079)
Tol.
±0.1
(0.004)
±0.1
(0.004)
Max.
±0.2
(0.008)
±0.2
(0.008)
Typ.
Typ.
Typ.
C. General Information:
1. CSMH2410D-xxx_, “CSMH2410D” = P/N, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: N = ± 30%, M = ± 20%.
3. Operating temperature range: -25ºC to +120ºC (Including self-heating).
4. Storage temperature: -40ºC to +85ºC.
5. Inductance measured using the HP4285A and Chroma1320 & 3302.
6. DCR measured using Chroma 16502.
7. SRF measured using the HP4291B.
8. Saturation Current Idc1: The value of current causes a 30% Inductance reduction from initial value. ( at : 20 ºC ambient)
9. Temperature rise current Idc2: The value of current causes a 40ºC temperature rise. ( at : 20 ºC ambient)
10. Rated Current: Either Idc1 or Idc2 whichever is smaller.
11. MSL: Level 1.
12. Inductance and Current range: From 0.68 µH (1.57 A) to 22 µH (0.30 A).
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
6. PDA, LCD, DVD, BRP, HD.
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CSMH2410D-R68N

ManufacturerPart #DatasheetDescription
logo
BlockMaster Electronics...
CSMH BLOCKMASTER-ELECTRONICS-CSMH Datasheet
127Kb / 1P
This specification applies to – CSFXX001 - Plug
6/11/2017
CSMH BLOCKMASTER-ELECTRONICS-CSMH Datasheet
131Kb / 1P
This specification applies to – CSFXX002 - Plug
6/11/2017
CSMH BLOCKMASTER-ELECTRONICS-CSMH Datasheet
167Kb / 1P
This specification applies to – CSFXX091 - Plug
6/11/2017
CSMH BLOCKMASTER-ELECTRONICS-CSMH Datasheet
131Kb / 1P
This specification applies to – CSFXX092 - Plug
6/11/2017
CSMH BLOCKMASTER-ELECTRONICS-CSMH Datasheet
171Kb / 1P
This specification applies to – CSFXX0S1 - Plug
6/11/2017
More results

Similar Description - CSMH2410D-R68N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSM0418D-1R0M FRONTIER-CSM0418D-1R0M Datasheet
160Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS054D-100M FRONTIER-CSS054D-100M Datasheet
202Kb / 1P
SMD WIRE WOUND POWER INDUCTORS
CSS063D-100M FRONTIER-CSS063D-100M Datasheet
188Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS0211P-1R5N FRONTIER-CSS0211P-1R5N Datasheet
174Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS0218P-2R2M FRONTIER-CSS0218P-2R2M Datasheet
173Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS0316P-1R5L FRONTIER-CSS0316P-1R5L Datasheet
174Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS0418P-1R0L FRONTIER-CSS0418P-1R0L Datasheet
185Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSMH0312D FRONTIER-CSMH0312D Datasheet
208Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS1050P FRONTIER-CSS1050P Datasheet
216Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
logo
Shanghai Leiditech Elec...
WSPA8040S LEIDITECH-WSPA8040S Datasheet
1Mb / 5P
Wire Wound SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com