Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS1050P-101M Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSS1050P-101M
Description  SMD WIRE WOUND POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSS1050P-101M Datasheet(HTML) 1 Page - Frontier Electronics.

  CSS1050P-101M Datasheet HTML 1Page - Frontier Electronics. CSS1050P-101M Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSS1050P Series
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Rev. A
Frontier Electronics Corp.®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
A. Electrical Specifications:
P/N
Marking
Tol.
Inductance
(μH)
Test Freq.
(KHz)
DCR Max.
(mΩ)
Rated Current
(A)
CSS1050P-100M
100
M
10
1
50
2.40
CSS1050P-120M
120
M
12
1
54
2.25
CSS1050P-150M
150
M
15
1
61
2.00
CSS1050P-180M
180
M
18
1
84
1.80
CSS1050P-220M
220
M
22
1
94
1.65
CSS1050P-270M
270
M
27
1
110
1.45
CSS1050P-330M
330
M
33
1
150
1.35
CSS1050P-390M
390
M
39
1
170
1.20
CSS1050P-470M
470
M
47
1
210
1.10
CSS1050P-560M
560
M
56
1
230
1.00
CSS1050P-680M
680
M
68
1
260
0.93
CSS1050P-820M
820
M
82
1
360
0.84
CSS1050P-101M
101
M
100
1
410
0.76
CSS1050P-121M
121
M
120
1
450
0.70
CSS1050P-151M
151
M
150
1
640
0.63
CSS1050P-181M
181
M
180
1
840
0.57
CSS1050P-221M
221
M
220
1
960
0.52
CSS1050P-271M
271
M
270
1
1070
0.47
CSS1050P-331M
331
M
330
1
1370
0.43
CSS1050P-391M
391
M
390
1
1550
0.39
CSS1050P-471M
471
M
470
1
1740
0.36
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
hi
CSS1050P
8.9
(0.350)
9.8
(0.386)
5.0
(0.197)
5.8
(0.228)
8.8
(0.346)
2.0
(0.079)
2.3
(0.091)
5.4
(0.213)
2.4
(0.094)
Tol.
±0.3
(0.012)
±0.3
(0.012)
Max.
Max.
±0.2
(0.008)
±0.2
(0.008)
Typ.
Typ.
Typ.
C. General Information:
1. CSS1050P-xxx_, “CSS1050P” = P/N, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: N = ± 30%, M = ± 20%, L= ± 15%
3. Operating temperature range: -30ºC to +100ºC (Including self-generated heat).
4. Storage temperature: -40ºC to +85ºC.
5. Inductance measured using the HP4284A and Chroma1320 & 3302.
6. DCR measured using Chroma 16502 milliohm meter.
7. Inductance drop no more than 35% of initial value at rated current, temperature rise ∆t < 40ºC
8. Inductance and Current range: From 10.0µH (2.40A) to 470.0 µH (0.36A).
9. MSL: Level 1.
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
6. PDA, LCD, DVD, BRP, HD.


Similar Part No. - CSS1050P-101M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSS1050P-101M FRONTIER-CSS1050P-101M Datasheet
281Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS1050P-101M FRONTIER-CSS1050P-101M Datasheet
281Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results

Similar Description - CSS1050P-101M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSM0310D-1R0M FRONTIER-CSM0310D-1R0M Datasheet
186Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSM0418D-1R0M FRONTIER-CSM0418D-1R0M Datasheet
160Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS054D-100M FRONTIER-CSS054D-100M Datasheet
202Kb / 1P
SMD WIRE WOUND POWER INDUCTORS
CSS063D-100M FRONTIER-CSS063D-100M Datasheet
188Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS0211P-1R5N FRONTIER-CSS0211P-1R5N Datasheet
174Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS0218P-2R2M FRONTIER-CSS0218P-2R2M Datasheet
173Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS0316P-1R5L FRONTIER-CSS0316P-1R5L Datasheet
174Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS0418P-1R0L FRONTIER-CSS0418P-1R0L Datasheet
185Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSMH0312D FRONTIER-CSMH0312D Datasheet
208Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
logo
Shanghai Leiditech Elec...
WSPA8040S LEIDITECH-WSPA8040S Datasheet
1Mb / 5P
Wire Wound SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com