Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS1050P-121M Datasheet(PDF) 2 Page - Frontier Electronics.

Part # CSS1050P-121M
Description  SMD WIRE WOUND POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSS1050P-121M Datasheet(HTML) 2 Page - Frontier Electronics.

  CSS1050P-121M Datasheet HTML 1Page - Frontier Electronics. CSS1050P-121M Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CSS1050P Series
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Rev. A
Frontier Electronics Corp.®
Page 2 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
E. Characteristics Curve:
1
10
100
1000
0.1
1
10
Current(A)
Inductance vs. Current
100
1
10
100
1000
1
10
100
1000
10000
Frequency(KHz)
Inductance vs. Frequency
F. Supplementary Information:
1. Packaging Information
2. RoHS Reflow Solder Profile
SMD Power Choke/Coating Resin Type Power Choke
Series
P/N
Reel dimensions (mm)
Tape dimensions (mm)
Parts per reel
Quantity per
A
B
C
D
E
W
P
P0
P1
h
t
7”
13”
Box
Carton
CSS1050P
340
80
13
22.4
16.5
16
12
4
2
5.50
0.40
---
1,000
2,000
6,000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com