Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0603HQ-R11_ Datasheet(PDF) 4 Page - Frontier Electronics.

Part # 0603HQ-R11_
Description  SMD WIRE WOUND CERAMIC CHIP INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

0603HQ-R11_ Datasheet(HTML) 4 Page - Frontier Electronics.

  0603HQ-R11_ Datasheet HTML 1Page - Frontier Electronics. 0603HQ-R11_ Datasheet HTML 2Page - Frontier Electronics. 0603HQ-R11_ Datasheet HTML 3Page - Frontier Electronics. 0603HQ-R11_ Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0603HQ Series – SMD WIRE WOUND CERAMIC CHIP INDUCTORS Rev. A
Frontier Electronics Corp.
®
Page 4 of 4
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
PACKAGING INFORMATION:
Series
Reel dimensions (mm)
Tape dimensions (mm)
Parts per reel
Quantity per
A
B
C
D
E
W
P
P0
P1
h
t
7”
13”
Box
Carton
0603HQ
180
50
13
14.4
8.5
8
4
4
2
---
0.25
4,000
---
20,000
120,000
RoHS REFLOW SOLDERING PROFILE:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com