Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0603HQ-R20_ Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 0603HQ-R20_
Description  SMD WIRE WOUND CERAMIC CHIP INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

0603HQ-R20_ Datasheet(HTML) 1 Page - Frontier Electronics.

  0603HQ-R20_ Datasheet HTML 1Page - Frontier Electronics. 0603HQ-R20_ Datasheet HTML 2Page - Frontier Electronics. 0603HQ-R20_ Datasheet HTML 3Page - Frontier Electronics. 0603HQ-R20_ Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
0603HQ Series – SMD WIRE WOUND CERAMIC CHIP INDUCTORS Rev. A
Frontier Electronics Corp.
®
Page 1 of 4
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
ELECTRICAL SPECIFICATIONS
:
P/N
L
(nH)
Tol.
L Test Freq.
(MHz)
Q
Typ.
Q Test Freq.
(MHz)
SRF
Min. (GHz)
DCR
Max. ()
Rated Current
Max. (A)
Color Code
0603HQ-1N8_
1.8
J
250
23
250
16.0
0.033
2.100
BLACK
0603HQ-2N2_
2.2
J
250
13
250
15.0
0.180
0.900
YELLOW
0603HQ-3N3_
3.3
J
250
32
250
9.60
0.024
1.900
BLUE
0603HQ-3N6_
3.6
J,G
250
40
250
9.70
0.031
1.900
RED
0603HQ-3N9_
3.9
J,G
250
35
250
7.50
0.039
1.600
BROWN
0603HQ-4N3_
4.3
J,G
250
30
250
7.50
0.080
1.300
ORANGE
0603HQ-4N7_
4.7
J,G
250
26
250
7.90
0.100
1.100
VIOLET
0603HQ-5N1_
5.1
J,G
250
40
250
8.90
0.036
1.700
GREEN
0603HQ-5N6_
5.6
J,G
250
48
250
6.60
0.036
1.700
BLACK
0603HQ-6N0_
6.0
J,G
250
49
250
6.00
0.036
1.700
WHITE
0603HQ-6N8_
6.8
J,G
250
42
250
5.80
0.042
1.400
RED
0603HQ-7N2_
7.2
J,G
250
48
250
5.40
0.052
1.400
WHITE
0603HQ-7N5_
7.5
J,G
250
41
250
5.30
0.080
1.300
BROWN
0603HQ-8N2_
8.2
J,G
250
46
250
5.90
0.054
1.400
ORANGE
0603HQ-8N7_
8.7
J,G
250
46
250
5.50
0.054
1.400
YELLOW
0603HQ-9N1_
9.1
J,G
250
40
250
5.10
0.037
1.400
BLACK
0603HQ-9N5_
9.5
J,G
250
49
250
4.90
0.053
1.400
BLUE
0603HQ-10N_
10
J,G
250
49
250
4.30
0.048
1.400
ORANGE
0603HQ-11N_
11
J,G
250
41
250
4.10
0.042
1.400
GRAY
0603HQ-12N_
12
J,G
250
37
250
4.10
0.088
1.100
YELLOW
0603HQ-15N_
15
J,G
250
48
250
3.60
0.078
1.200
GREEN
0603HQ-16N_
16
J,G
250
45
250
3.50
0.085
1.100
WHITE
0603HQ-18N_
18
J,G
250
41
250
3.30
0.066
1.200
BLUE
0603HQ-22N_
22
J,G
250
44
250
3.15
0.140
0.850
VIOLET
0603HQ-23N_
23
J,G
250
40
250
3.00
0.150
0.850
ORANGE
0603HQ-24N_
24
J,G
250
42
250
2.95
0.074
1.100
BLACK
0603HQ-27N_
27
J,G
250
44
250
2.80
0.150
0.780
GRAY
0603HQ-30N_
30
J,G
250
49
250
2.80
0.130
0.920
BROWN
0603HQ-33N_
33
J,G
250
45
250
2.70
0.170
0.680
WHITE
0603HQ-36N_
36
J,G
250
44
250
2.50
0.225
0.720
RED
0603HQ-39N_
39
J,G
250
48
250
2.45
0.190
0.680
BLACK
0603HQ-43N_
43
J,G
250
45
250
2.45
0.170
0.810
ORANGE
0603HQ-47N_
47
J,G
200
47
250
2.30
0.240
0.680
BROWN
0603HQ-51N_
51
J,G
200
49
250
2.30
0.280
0.660
BLUE
0603HQ-56N_
56
J,G
200
50
250
2.20
0.300
0.610
RED
0603HQ-68N_
68
J,G
200
46
250
2.00
0.330
0.600
ORANGE
0603HQ-72N_
72
J,G
150
46
250
1.90
0.420
0.550
YELLOW
0603HQ-75N_
75
J,G
150
46
250
1.90
0.520
0.500
VIOLET
0603HQ-82N_
82
J,G
150
45
250
1.80
0.460
0.510
GREEN
0603HQ-91N_
91
J,G
150
45
250
1.65
0.580
0.440
WHITE
0603HQ-R10_
100
J,G
150
49
250
1.70
0.540
0.470
BLUE
0603HQ-R11_
110
J,G
150
47
250
1.60
0.580
0.440
VIOLET
0603HQ-R12_
120
J,G
150
47
250
1.55
0.720
0.420
GRAY
0603HQ-R15_
150
J,G
150
47
250
1.35
0.820
0.390
WHITE
0603HQ-R18_
180
J,G
100
48
250
1.30
1.500
0.310
BLACK
0603HQ-R20_
200
J,G
100
47
250
1.25
2.000
0.280
GREEN
0603HQ-R21_
210
J,G
100
48
250
1.20
2.000
0.280
GRAY
0603HQ-R22_
220
J,G
100
47
250
1.10
2.000
0.280
BROWN
0603HQ-R25_
250
J,G
100
45
250
1.05
3.000
0.240
VIOLET
0603HQ-R27_
270
J,G
100
46
250
1.05
2.250
0.260
RED
0603HQ-R30_
300
J,G
100
47
250
0.99
2.800
0.220
GREEN
0603HQ-R33_
330
J,G
100
46
250
0.93
3.600
0.180
BLUE
0603HQ-R36_
360
J,G
100
47
250
0.93
4.000
0.170
GRAY
0603HQ-R39_
390
J,G
100
47
250
0.88
4.000
0.170
YELLOW
Ultra High SRF and Ultra High-Q Wire Wound Ceramic Core Chip Inductors
Inductance: 1.8 ~ 390 nH
Case size: 0603 EIA, 1608 Metric. Tin plated termination.


Similar Part No. - 0603HQ-R20_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0603HC COILCRAFT-0603HC Datasheet
230Kb / 2P
Chip Inductors
0603HC COILCRAFT-0603HC Datasheet
100Kb / 1P
Designer’s Kits
0603HC-10NXGLU COILCRAFT-0603HC-10NXGLU Datasheet
104Kb / 2P
Chip Inductors - 0603HC (1608)
0603HC-10NXGLW COILCRAFT-0603HC-10NXGLW Datasheet
104Kb / 2P
Chip Inductors - 0603HC (1608)
0603HC-10NX_L COILCRAFT-0603HC-10NX_L Datasheet
230Kb / 2P
Chip Inductors
More results

Similar Description - 0603HQ-R20_

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1008C FRONTIER-1008C Datasheet
82Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
0805C-2N2M FRONTIER-0805C-2N2M Datasheet
84Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
1210C-4N7K FRONTIER-1210C-4N7K Datasheet
102Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
0603C FRONTIER-0603C_15 Datasheet
215Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603CP FRONTIER-0603CP Datasheet
242Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP FRONTIER-1008CP Datasheet
229Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0402CP-1N0J FRONTIER-0402CP-1N0J Datasheet
197Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP-10NJ FRONTIER-1008CP-10NJ Datasheet
229Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008HQ FRONTIER-1008HQ Datasheet
497Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
logo
WALSIN TECHNOLOGY CORPO...
WLCW2520HQ WALSIN-WLCW2520HQ Datasheet
256Kb / 6P
SMD Wire Wound Ceramic Chip Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com