Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LES25A48-3V3J Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LES25A48-3V3J
Description  DC/DC CONVERTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LES25A48-3V3J Datasheet(HTML) 2 Page - Artesyn Technologies

  LES25A48-3V3J Datasheet HTML 1Page - Artesyn Technologies LES25A48-3V3J Datasheet HTML 2Page - Artesyn Technologies LES25A48-3V3J Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC/DC CONVERTERS
High Current, High Efficiency, Low Profile
2
NEW Product
File Name: eighth_brick.pdf Rev (07): 16 Nov 2005
LES50A48-1V2RANJ
Part Number System with Options
L = Low Profile
E = 1/8 Brick
Number of outputs
S = Single
Rated Output Current
10 A = 10 Amps, 15 A = 15 Amps etc.
Nominal Rated Input Voltage
24 = 24 Volts (18 Vdc to 36 Vdc range)
48 = 48 Volts (36 Vdc to 75 Vdc range)
Body Height, Package Type and Pin Length
A = 0.300” (7.62 mm), Through Hole,
0.188” (4.78 mm) Pins
E = 0.340” (8.64 mm), Through Hole,
0.188” (4.78 mm) Pins
S= Surface Mount
Eighth-Brick Series
Single output
Notes
1
di/dt = 1 A/µs, Vin = 24 or 48 Vdc, Tc = 25 °C, load change = 50% to
75% lo max. and 75% to 50% lo max. Deviation varies by model. For
further details see long form data sheets.
2
Start-up into resistive load.
3
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
4
Recommended input fusing is up to 10 A HRC 200 V rated fuse.
5
Peak to peak measured with no external Pi filter. Significant reduction
possible with external filter. See Application Note 138 for further details.
6
Active low Remote ON/OFF is available. Standard product is Active
High. When ordering active low parts, designate with the Suffix ‘R’ e.g.
LES50A48-1V2RAJ.
7
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
8
NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool
at http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
Pin Length Options
Blank = 0.188” (4.78 mm)
N = 0.145” (3.68 mm)
K = 0.110” (2.79 mm)
OUTPUT
INPUT
INPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
VOLTAGE
CURRENT
RIPPLE
CURRENT
(TYP.)
SET POINT
LINE
LOAD
RIPPLE &
NUMBER
(7,8)
(MAX.) (4)
CURRENT (5)
(MAX.)
ACCURACY
NOISE
(MAX.)
(pk - pk)
48 Vin VALUE MODELS
1.2 V
0.98 A
100 mA
25 A
88%
±1.5%
±0.1%
±0.2%
60 mV
LES25A48-1V2J
1.5 V
1.21 A
100 mA
25 A
89.5%
±1.5%
±0.1%
±0.2%
60 mV
LES25A48-1V5J
1.8 V
1.43 A
100 mA
25 A
90.5%
±1.5%
±0.1%
±0.2%
60 mV
LES25A48-1V8J
2.5 V
1.62 A
150 mA
20 A
90%
±1.5%
±0.1%
±0.2%
60 mV
LES20A48-2V5J
3.3 V
2.11 A
150 mA
20 A
91%
±1.5%
±0.1%
±0.2%
60 mV
LES20A48-3V3J
5.0 V
1.59 A
100 mA
10 A
92%
±1.5%
±0.1%
±0.2%
60 mV
LES10A48-5V0J
48 Vin PERFORMANCE MODELS
1.2 V
1.98 A
150 mA
50 A
86%
±1.5%
±0.1%
±0.2%
60 mV
LES50A48-1V2J
1.5 V
1.91 A
150 mA
40 A
88.5%
±1.5%
±0.1%
±0.2%
60 mV
LES40A48-1V5J
1.8 V
2.30 A
150 mA
40 A
90%
±1.5%
±0.1%
±0.2%
60 mV
LES40A48-1V8J
2.5 V
1.99 A
200 mA
25 A
89.5%
±1.5%
±0.1%
±0.2%
60 mV
LES25A48-2V5J
3.3 V
2.65 A
200 mA
25 A
90.5%
±1.5%
±0.1%
±0.2%
60 mV
LES25A48-3V3J
5.0 V
2.30 A
150 mA
15 A
91.5%
±1.5%
±0.1%
±0.2%
60 mV
LES15A48-5V0J
48 Vin ULTRA MODELS
2.5 V
3.20 A
150 mA
40 A
91%
±1.5%
±0.1%
±0.2%
60 mV
LES40A48-2V5J
3.3 V
3.20 A
150 mA
30 A
90.5%
±1.5%
±0.1%
±0.2%
60 mV
LES30A48-3V3J
5.0 V
3.20 A
150 mA
20 A
92%
±1.5%
±0.1%
±0.2%
60 mV
LES20A48-5V0J
24 Vin MODELS
1.8 V
2.40 A
50 mA
20 A
91%
±1.5%
±0.1%
±0.2%
35 mV
LES20A24-1V8J
3.3 V
4.25 A
170 mA
20 A
90%
±1.5%
±0.1%
±0.2%
60 mV
LES20A24-3V3J
Output Voltage
1V2 = 1.2 Volts, 1V5 = 1.5 Volts etc.
RoHS Compliance (7)
J = Pb-free (RoHS 6/6 compliant)
Remote ON/OFF Logic
Blank = Positive
R = Negative



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com