Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCM1500U Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LCM1500U
Description  1500 Watt Bulk Front End
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LCM1500U Datasheet(HTML) 2 Page - Artesyn Technologies

  LCM1500U Datasheet HTML 1Page - Artesyn Technologies LCM1500U Datasheet HTML 2Page - Artesyn Technologies LCM1500U Datasheet HTML 3Page - Artesyn Technologies LCM1500U Datasheet HTML 4Page - Artesyn Technologies LCM1500U Datasheet HTML 5Page - Artesyn Technologies LCM1500U Datasheet HTML 6Page - Artesyn Technologies LCM1500U Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LCM1500 Data Sheet
Environmental Specifications
Operating temperature
-40 °C to +70 °C, linear derating to 50% from 50 °C to 70 °C
Storage temperature
-40 °C to +85 °C
Humidity
20 to 90%, non-condensing. Operating. Conformal coat option available
Fan noise
< 45 dBA, 80% load at 30
Altitude
Operating - 16,405 feet (5,000 m)
Storage - 30,000 feet
Shock
MIL-STD-810F 516.5, Procedure I, VI. Storage
Vibration
MIL-STD-810F 514.5, Cat. 4, 10. Storage
Electrical Specifications
Output
Output rating
See table 1
90 - 264 Vac
Set point
± 0.5%
90 - 264 Vac
Total regulation range
Main output ± 2%
5 Vsb ± 1%
Combined line/load/transient when measured at output
terminal
Rated load
1500 W maximum
Derate linear to 50% from 50 °C to 70 °C
Minimum load
Main output @ 0.0 A
5 Vsb @ 0.0 A
No loss of regulation
Output noise (PARD)
1% max p-p
50 mV max p-p
Main output
5 Vsb output
Measured with a 0.1 µF Ceramic and 10 µF Tantalum
Capacitor on any output, 20 MHz
Output voltage overshoot
No overshoot/undershoot outside the regulation band during
on or off cycle
Transient response
< 300 µSec
50% load step @ 1 A/µs
Step load valid between 10% to 100% of output rating
Recovery time to within 1% of set point at onset of transient
Max units in parallel
Up to 4
Short circuit protection
Protected, no damage to occur
Bounce mode
Remote sense
Compensation up to 500 mV
Output isolation
Standard per safety requirements
Forced load sharing
To within 10% of all shared outputs
Analog sharing control
Overload protection (OCP)
105% to 125%
120% to 170%
Main output
5 Vsb output
Overvoltage protection (OVP)
125% to 145%
110% to 125%
12 V output
5 Vsb output
Overtemp protection
10 - 15 °C above safe operating area
Both PFC and output converter monitored



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com