Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCM600N Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LCM600N
Description  600 Watt Bulk Front End
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LCM600N Datasheet(HTML) 1 Page - Artesyn Technologies

  LCM600N Datasheet HTML 1Page - Artesyn Technologies LCM600N Datasheet HTML 2Page - Artesyn Technologies LCM600N Datasheet HTML 3Page - Artesyn Technologies LCM600N Datasheet HTML 4Page - Artesyn Technologies LCM600N Datasheet HTML 5Page - Artesyn Technologies LCM600N Datasheet HTML 6Page - Artesyn Technologies LCM600N Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
POWER
LCM600
600 Watt Bulk Front End
Total Power: 600 W
# of Outputs: Single
Outputs:
12 to 60 V
Optional 5.0 V standby
SPECIAL FEATURES
ƒ
600 W output power
ƒ
Low cost
ƒ
2.4” x 4.5” x 7.5”
ƒ
7.41 W/cu-in
ƒ
Industrial/Medical safety
ƒ
-40 °C to 70 °C with derating
ƒ
Optional 5 V @ 2 A housekeeping
ƒ
High efficiency: 89% typical
ƒ
Variable speed “Smart Fans”
ƒ
DSP controlled front end
ƒ
Conformal coat option
ƒ
± 20% adjustment range
ƒ
Margin programming
ƒ
OR-ing FET
ƒ
Terminal block input option
COMPLIANCE
ƒ
EMI Class B
ƒ
EN61000 Immunity
SAFETY
ƒ
UL/CSA
UL60950-1/CSA
C22.2 No. 60950-1
ƒ
TUV
EN60950-1
ƒ
CB Report
IEC60950-1
ƒ
CCC
GB4943, GB9254
and GB17625
ƒ
UL/CSA
ES60601-1/CSA
C22.2 No. 60601-1
ƒ
TUV
EN60601-1
ƒ
CB Report
IEC60601-1
Electrical Specifications
Input
Input range
85 - 264 Vac (Operating)
115/230 Vac (Nominal) Input through standard IEC connector/
TERMINAL BLOCK
Frequency
47 - 440 Hz, Nominal 50/60
Input fusing
Internal 10 A fuses, both lines fused
Inrush current
≤ 25 A peak, either hot or cold start
Power factor
0.99 typical, meets EN61000-3-2
Harmonics
Meets IEC 1000-3-2 requirements
Input current
8 A RMS max input current, at 100 Vac
Hold up time
20 ms minimum for main O/P, at full rated load
Efficiency
> 89% at full load
Leakage current
< 0.3 mA at 264 Vac
ON/OFF power switch
N/A
Power line transient
MOV directly after the fuse
Isolation
Isolation: PRI-Chassis 2500 Vdc Basic
PRI-SEC 4000 Vac Reinforced 2xMOPP
SEC-Chassis 500 Vdc
LCM600Q Efciency Without the 5 Vsb
76.00
78.00
80.00
82.00
84.00
86.00
88.00
90.00
92.00
25
50
75
100
Loading %
100 Vac
230 Vac
Data Sheet


Similar Part No. - LCM600N

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LCM600N EMERSON-NETWORKPOWER-LCM600N Datasheet
659Kb / 6P
600 Watts Bulk Front End
logo
Artesyn Technologies
LCM600N ARTESYN-LCM600N Datasheet
1Mb / 7P
600 Watt Bulk Front End
LCM600N ARTESYN-LCM600N Datasheet
1Mb / 7P
Industrial/Medical safety
More results

Similar Description - LCM600N

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LCM600 EMERSON-NETWORKPOWER-LCM600 Datasheet
659Kb / 6P
600 Watts Bulk Front End
logo
Artesyn Technologies
DS1050-3 ARTESYN-DS1050-3 Datasheet
718Kb / 4P
Distributed Power Bulk Front-End
DS850DC-3 ARTESYN-DS850DC-3 Datasheet
1Mb / 4P
Distributed Power Bulk Front-End
DS760SL-3 ARTESYN-DS760SL-3 Datasheet
1Mb / 7P
760 Watts Bulk Front End
DS450-3 ARTESYN-DS450-3 Datasheet
673Kb / 4P
Distributed Power Bulk Front-End
LCM1500L ARTESYN-LCM1500L Datasheet
968Kb / 7P
1500 Watt Bulk Front End
LCM1000L ARTESYN-LCM1000L Datasheet
977Kb / 6P
1000 Watt Bulk Front End
LCM300L ARTESYN-LCM300L Datasheet
677Kb / 5P
310 Watt Bulk Front End
LCM600Q-A ARTESYN-LCM600Q-A Datasheet
1Mb / 7P
600 Watt Bulk Front End
LCM1500Q-T-4 ARTESYN-LCM1500Q-T-4 Datasheet
969Kb / 7P
1500 Watt Bulk Front End
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com