Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCM600U Datasheet(PDF) 7 Page - Artesyn Technologies

Part # LCM600U
Description  600 Watt Bulk Front End
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LCM600U Datasheet(HTML) 7 Page - Artesyn Technologies

  LCM600U Datasheet HTML 1Page - Artesyn Technologies LCM600U Datasheet HTML 2Page - Artesyn Technologies LCM600U Datasheet HTML 3Page - Artesyn Technologies LCM600U Datasheet HTML 4Page - Artesyn Technologies LCM600U Datasheet HTML 5Page - Artesyn Technologies LCM600U Datasheet HTML 6Page - Artesyn Technologies LCM600U Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LCM600 Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
www.artesyn.com
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are trademarks and
service marks of Artesyn Embedded Technologies, Inc. All other names and logos referred to are trade names,
trademarks, or registered trademarks of their respective owners. © 2016 Artesyn Embedded Technologies, Inc.
All rights reserved. For full legal terms and conditions, please visit www.artesyn.com/legal.
LCM600 DS 22Jun2016
Accessories
Miscellaneous Specifications
BURN-IN
100% Burn-in at 45 °C, at 80 - 90 % load. Duration of burn-in determined by Quality Assurance Procedures.
MTBF
The power supply has a minimum MTBF of 300K hours using the Bell core 332, issue 6 specification @ 25 °C and 40 °C, ambient, at full
load. With the power supply installed in a system in a 25 °C ambient environment and operating at full load, capacitor life shall be 10 years,
minimum for ALL electrolytic capacitors contained within this power supply. The power supply shall demonstrate a MTBF level of
> 500,000 hours.
QUALITY ASSURANCE
Full QAV testing shall be conducted in accordance with Artesyn Embedded Technologies Standards with reports available upon request.
WARRANTY
Artesyn Embedded Technologies shall warrant the power supply to be free of defects in materials and workmanship for a minimum period
of three years from the date of shipment, when operated within specifications. The warranty shall be fully transferable to the end owner of
the equipment powered by the supply.
Order kit part number 73-788-001 for control connector interface with .3m wires attached
Order kit part number 73-788-002 for control connector interface with unloaded housing and 20 pins
PIN 20
PIN 2
PIN 19
PIN 1
PIN 3
300 ± 5 mm
PIN 20
PIN 2
PIN 19
PIN 1
PIN 3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com