Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCM600W Datasheet(PDF) 4 Page - Artesyn Technologies

Part # LCM600W
Description  600 Watt Bulk Front End
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LCM600W Datasheet(HTML) 4 Page - Artesyn Technologies

  LCM600W Datasheet HTML 1Page - Artesyn Technologies LCM600W Datasheet HTML 2Page - Artesyn Technologies LCM600W Datasheet HTML 3Page - Artesyn Technologies LCM600W Datasheet HTML 4Page - Artesyn Technologies LCM600W Datasheet HTML 5Page - Artesyn Technologies LCM600W Datasheet HTML 6Page - Artesyn Technologies LCM600W Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LCM600 Data Sheet
Ordering Information
LCMXXXXY
-
A
-
B
-
C
-
###
Case Size
Input Termination
Acoustic Noise
Option Codes
Hardware Code
1-Phase input where XXXX =
600 = 2.4” x 4.5” x 7.5”, 600 W
Blank = IEC connector
Blank = Standard
Blank = No Options
Factory Assigned for
Modiefied standards
T = Terminal Block
N = Low Noise Fan
1 = Conformal Coat
Voltage Code Y =
4 = 5 V Standby
Code
5 = Opt 1 + 4
L
12
N
15
Q
24
U
36
W
48
(2X)6 0.5
(2X)182.5 0.5
(2X)10 0.5
(2X)177.5 0.5
50
(2X)10.6
(18.5)
190.5 0.5
(212.2 ref)
SCREW-MC PHILIP PAN
WITH WASHER M4x8
SEE DETAIL B
DETAIL B
AC INLET VERSION
INPUT TERMINAL BLOCK
SEE NOTE 8
LED (DC/OK FAIL)
LED (AC OK)
SK2 SIGNAL
CONNECTOR - 20WAY
SK4 & SK5
(8X) MOUNTING LOCATIONS
BOTH SIDES
M4X0.7P THREAD
SEE NOTE 7
BRAND LOGO
SEE DETAIL A
SEE DETAIL C (TRIMPOT LOCATION)
(4X) MOUNTING LOCATIONS
M4X0.7P THREAD
SEE NOTE 7
SCALE 1.500
DETAIL A
GROUND
NEUTRAL
LIVE
DETAIL C
(TRIMPOT LOCATION)
VOLTAGE ADJUSTMENT:
CLOCKWISE - INCREASE VOLTAGE
COUNTER CLOCKWISE - DECREASE VOLTAGE
Mechanical Drawings
NOTE: OPTIONAL BARRIER STRIP OUTPUT TERMINAL AVAILABLE
OPTIONAL MOLEX TYPE CONNECTOR OUTPUT AVAILABLE
New Mechanical Reference Drawing:
Weight: 2.84 lbs (1.29 Kg)
MOUNTING LOCATIONS SCREW
PENETRATION DEPTH IS 4.6 mm MAX.
RECOMMENDED SCREW TORQUE:
M3.5 x 0.6P = 6 - 8kgf-cm
M4.0 x 0.7P = 8 - 10kgf-cm
Note 7 RECOMMENDED SCREW TORQUE:
M3.5x0.6P = 6-8kgf-cm
M4.0x0.7P = 8-10kfg-cm
Note 8 INPUT: TERMINAL BLOCK TYPE.
M3.5 SCREW TORQUE VALUE OF 12kgf-cm
USING WIRE GAUGE 22-19 (9.5mm CENTERS)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com