Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP5409L-R-LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # GP5409L-R-LF
Description  Designed for long haul gigabit Ethernet 1000 BASE-T, full duplex and POE applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

GP5409L-R-LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  GP5409L-R-LF Datasheet HTML 1Page - Bothhand USA, LP. GP5409L-R-LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1000 BASE –T QUAD PORT MAGNETICS MODULES
P/N: GP5409L-R LF DATA SHEET
Page : 1/ 2
A2(07/09)
Feature
l
Designed for long haul gigabit Ethernet 1000 BASE-T, full
duplex and POE applications.
l
Supports 16 pairs of category 5 UTP cable.
l
Cable interface for isolation and low common mode
emissions.
l
Compliant with IEEE 802.3ab standard for 1000 BASE-T.
l
Comply with RoHS requirements-whole part No Cd, No Hg,
No Cr6+, No PBB and PBDE and No Pb on external pins.
l
Operating temperature range: 0℃ to +70℃.
l
Storage temperature range: -25℃ to +105℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Cross talk Attenuation
(dB Min)
Part
Number
TX
RX
OCL (uH Min)
@100KHz/0.1V
with 8mA DC Bias
30MHz
60MHz
100MHz
HI-POT
(Vrms)
GP5409L-R LF
1CT:1CT
1CT:1CT
350
-40
-35
-30
1500/60s
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min @100Ω)
DCMR
(dB Min)
Part
Number
1-100MHz
1-30MHz
40MHz
50MHz
60-80MHz
100MHz
30MHz
60MHz 100MHz
GP5409L-R LF
-1.1
-18
-14.4
-13.1
-12.5
-12
-43
-37
-33
Schematic
Bothhand USA
email:sales@bothhandusa.com
tel: 978-887-8050
462 Boston St,
Topsfield, MA 01983
http://www.bothhandUSA.com
email:sales@bothhandusa.com
tel: 978-887-8050
fax: 978-887-5434


Similar Part No. - GP5409L-R-LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
GP5409-R BOTHHAND-GP5409-R Datasheet
103Kb / 2P
1000 BASE -T QUAD PORT MAGNETICS MODULES
GP5409-R-LF BOTHHAND-GP5409-R-LF Datasheet
596Kb / 2P
Cable interface for isolation and low common mode emissions
GP5409S-1-LF BOTHHAND-GP5409S-1-LF Datasheet
353Kb / 2P
Supports 16 pairs of category 5 UTP cable
GP5409S-LF BOTHHAND-GP5409S-LF Datasheet
181Kb / 2P
Compliant with IEEE 802.3ab standard for 1000 BASE-T
More results

Similar Description - GP5409L-R-LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
G2PM109NH-LF BOTHHAND-G2PM109NH-LF Datasheet
304Kb / 2P
Designed for Ethernet 100/1000 BASE-T, full duplex applications
G4P109-A-LF BOTHHAND-G4P109-A-LF Datasheet
352Kb / 2P
Designed for Ethernet 1000 BASE-T, full Quad port applications
G4P109-J-LF BOTHHAND-G4P109-J-LF Datasheet
352Kb / 2P
Designed for Ethernet 1000 BASE-T, full Quad port applications
G4P109N-A-LF BOTHHAND-G4P109N-A-LF Datasheet
144Kb / 2P
Designed for Ethernet 1000 BASE-T, full Quad port applications
G4P109N-B-LF BOTHHAND-G4P109N-B-LF Datasheet
352Kb / 2P
Designed for Ethernet 1000 BASE-T, full Quad port applications
GH5609S-1-LF BOTHHAND-GH5609S-1-LF Datasheet
510Kb / 2P
Designed for long haul gigabit Ethernet 1000 BASE-T, full duplex applications
GP5609RZ-LF BOTHHAND-GP5609RZ-LF Datasheet
350Kb / 2P
Designed for long haul gigabit Ethernet 1000 BASE-T, full
GP5829NY-LF BOTHHAND-GP5829NY-LF Datasheet
434Kb / 2P
Designed for Ethernet 1000 BASE-T, full quad port applications.
HG5210-LF BOTHHAND-HG5210-LF Datasheet
419Kb / 2P
Designed for long haul gigabit Ethernet 1000 BASE-T, full duplex applications.
TST1284R-LF BOTHHAND-TST1284R-LF Datasheet
125Kb / 2P
Designed for Ethernet 100 BASE-T, full duplex applications.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com