Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF1002 Datasheet(PDF) 1 Page - Microchip Technology

Part # TRF1002
Description  Aristotle RFA-02-5-F7H1 5 dBi 2.4 GHz External Antenna
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TRF1002 Datasheet(HTML) 1 Page - Microchip Technology

  TRF1002 Datasheet HTML 1Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Log In / Register
My Account
My Cart
Checkout
Language
Location
English
United States Change
Search microchipDIRECT
8-bit PIC® Microcontrollers
16-bit PIC®MCUs & dsPIC®DSCs
32-bit PIC® Microcontrollers
Analog / Interface
Memory
RF and Security
Development Tools
Discount Parts
Page 1
Advanced Search: 'TRF1002'
Found
1 matches total.
Items 1 thru 1 displayed.
Part Number : TRF1002 - Aristotle RFA-02-5-F7H1 5 dBi 2.4 GHz External Antenna
This external antenna is manufactured by Aristotle Enterprises, and is suitable for 2.4 GHz Wi-Fi (IEEE 892.11),
ZigBee, MiWi, and IEEE 802.15.4. It includes a right angle swivel connection that fits into a panel sleeve. Two panel
sleeves are included, for 1mm and 1.5 mm panel thickness. The 5 dBi antenna is 174 mm long, as measured from
the swivel base, and includes a 150 mm long cable with I-PEX (u.FL) connector on the end. The MRF24WB0MB
module has been FCC and IC certified for use with this antenna.
Aristotle is a trusted 3rd Party Tool Provider
© 2006-2012 Microchip Technology Inc.
Microchip Terms of Website Use
|
microchipDIRECT.com TERMS AND CONDITIONS OF SALE
|
Security Of Data
|
Privacy Policy
|
Legal Info
|
Shanghai ICP Recordal
No.09049794
Products
Applications
Services
Volume Pricing
Programming Center
Support
Page 1 of 1
Product Search - microchipDIRECT
3/26/2012
http://www.microchipdirect.com/ProductSearch.aspx?Keywords=TRF1002


Similar Part No. - TRF1002

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TRF1001 MICROCHIP-TRF1001 Datasheet
75Kb / 1P
Aristotle RFA-02-L2H1 2 dBi 2.4 GHz External Antenna
3/26/2012
More results

Similar Description - TRF1002

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1030 PULSE-W1030 Datasheet
1Mb / 2P
Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038 Datasheet
774Kb / 2P
Wireless External Antenna for 2.4 GHz Applications
logo
List of Unclassifed Man...
1020B5786-01 ETC2-1020B5786-01 Datasheet
1Mb / 11P
Flavus 2.4 / 5 GHz Snap-In Antenna
logo
Microchip Technology
TRF1001 MICROCHIP-TRF1001 Datasheet
75Kb / 1P
Aristotle RFA-02-L2H1 2 dBi 2.4 GHz External Antenna
3/26/2012
logo
Pulse A Technitrol Comp...
W1010 PULSE-W1010 Datasheet
663Kb / 2P
Wireless External Antenna for 2.4 GHz Application
W1038M PULSE-W1038M Datasheet
660Kb / 8P
Wireless External Antenna for 2.4 GHz Applications
logo
Neutrik AG
NXPA-2-360 NEUTRIK-NXPA-2-360 Datasheet
35Kb / 1P
5 GHz antenna 2 dBi 360째H 360째V
NXPA-18-18-18 NEUTRIK-NXPA-18-18-18 Datasheet
25Kb / 1P
5 GHz antenna 18 dBi 18째H 18째V
logo
Maxtena Inc.
MPA-254-WIFI MAXTENA-MPA-254-WIFI Datasheet
1Mb / 3P
WIFI 2.4/5 GHz Embedded Patch Antenna
REV A
logo
Advantech Co., Ltd.
BB-ACH2-DBAT-DP003 ADVANTECH-BB-ACH2-DBAT-DP003 Datasheet
329Kb / 1P
2.4/5.8 GHz, 5 dBi, Wi-Fi RP-SMA Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com