Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6449 Datasheet(PDF) 1 Page - InterFET Corporation

Part # 2N6449
Description  N-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

2N6449 Datasheet(HTML) 1 Page - InterFET Corporation

  2N6449 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B-24
01/99
2N6449, 2N6450
N-Channel Silicon Junction Field-Effect Transistor
¥ High Voltage
Absolute maximum ratings at TA = 25¡C
2N6449
2N6450
Reverse Gate Source Voltage
– 300 V
– 200 V
Reverse Gate Drain Voltage
– 300 V
– 200 V
Continuous Forward Gate Current
10 mA
10 mA
Continuous Device Power Dissipation
800 mW
800 mW
Power Derating
6.4 mW/°C 6.4 mW/°C
TOÐ39 Package
Dimensions in Inches (mm)
Pin Configuration
1 Source, 2 Drain, 3 Gate & Case
At 25°C free air temperature:
2N6449
2N6450
Process NJ42
Static Electrical Characteristics
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 300
– 200
V
IG = – 10 µA, VDS = ØV
– 100
nA
VGS = – 150V, VDS = ØV
Gate Reverse Current
IGSS
– 100
nA
VGS = – 100V, VDS = ØV
– 100
µA
VGS = – 150V, VDS = ØV
TA = 150°C
– 100
µA
VGS = – 100V, VDS = ØV
TA = 150°C
Gate Source Cutoff Voltage
VGS(OFF)
– 2
– 15
– 2
– 15
V
VDS = 30V, ID = 4 nA
Drain Saturation Current (Pulsed)
IDSS
210210
mA
VDS = 30V, VGS = ØV
Dynamic Electrical Characteristics
Common Source Forward
Yfs
0.5
3
0.5
3
mS
VDS = 30V, VGS = ØV
f = 1 kHz
Transfer Admittance
Common Source Output Conductance
Yos
100
100
µS
VDS = 30V, VGS = ØV
f = 1 kHz
Common Source Input Capacitance
Ciss
20
20
pF
VDS = 30V, VGS = ØV
f = 1 MHz
Common Source
Crss
2.5
2.5
pF
VDS = 30V, VGS = ØV
f = 1 MHz
Reverse Transfer Capacitance
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page B-24


Similar Part No. - 2N6449

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N6449 NJSEMI-2N6449 Datasheet
139Kb / 1P
HIGH VOLTAGE SILICON EPITAXIAL JUNCTION
More results

Similar Description - 2N6449

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF1801 INTERFET-IF1801 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J112 INTERFET-J112 Datasheet
98Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com