Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISE Datasheet(PDF) 1 Page - XP Power Limited

Part # ISE
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ISE Datasheet(HTML) 1 Page - XP Power Limited

  ISE Datasheet HTML 1Page - XP Power Limited ISE Datasheet HTML 2Page - XP Power Limited ISE Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISE Series
DC-DC Converter
xxx Series
www.xppower.com
1
Models & Ratings
Notes
1. For optional 3000 VDC isolation add suffix ‘-H’ to end of part number e.g.
ISE1224A-H.
2. Input currents measured at nominal input voltage.
3. Typical value at full load.
• Single Output
• SMD Package
• Industry Standard Pinout
• Operating Temperature -40 °C to +105 °C
• 1500 VDC Isolation, 3000 VDC Option
• 3 Year Warranty
Dimensions:
ISE:
0.500 x 0.44 x 0.285” (12.7 x 11.2 x 7.25 mm)
1 Watt
Input Voltage
Output Voltage
Output Current
Input Current(2)
Maximum
Capacitive Load
Efficiency(3)
Model Number
No Load
Full Load
2.97-3.63 V
3.3 V
303 mA
25 mA
404 mA
220 µF
72%
ISE0303A(1)
5 V
200 mA
25 mA
404 mA
220 µF
74%
ISE0305A(1)
12 V
84 mA
25 mA
404 mA
220 µF
80%
ISE0312A
15 V
67 mA
25 mA
404 mA
220 µF
80%
ISE0315A
24 V
42 mA
25 mA
404 mA
220 µF
80%
ISE0324A
4.5-5.5 V
3.3 V
303 mA
20 mA
250 mA
220 µF
74%
ISE0503A(1)
5 V
200 mA
20 mA
250 mA
220 µF
80%
ISE0505A(1)
6 V
167 mA
20 mA
250 mA
220 µF
80%
ISE0506A(1)
9 V
111 mA
20 mA
250 mA
220 µF
80%
ISE0509A(1)
12 V
84 mA
20 mA
250 mA
220 µF
80%
ISE0512A(1)
15 V
67 mA
20 mA
250 mA
220 µF
80%
ISE0515A(1)
24 V
42 mA
20 mA
250 mA
220 µF
80%
ISE0524A(1)
10.8-13.2 V
3.3 V
303 mA
15 mA
104 mA
220 µF
74%
ISE1203A(1)
5 V
200 mA
15 mA
104 mA
220 µF
80%
ISE1205A(1)
9 V
111 mA
15 mA
104 mA
220 µF
80%
ISE1209A(1)
12 V
84 mA
15 mA
104 mA
220 µF
81%
ISE1212A(1)
15 V
67 mA
15 mA
104 mA
220 µF
81%
ISE1215A(1)
13.5-16.5 V
5 V
200 mA
10 mA
82 mA
220 µF
80%
ISE1505A
15 V
67 mA
10 mA
82 mA
220 µF
81%
ISE1515A(1)
21.6-26.4 V
5 V
200 mA
7 mA
52 mA
220 µF
80%
ISE2405A(1)
9 V
111 mA
7 mA
52 mA
220 µF
80%
ISE2409A(1)
12 V
84 mA
7 mA
52 mA
220 µF
80%
ISE2412A
15 V
67 mA
7 mA
52 mA
220 µF
81%
ISE2415A(1)
24 V
42 mA
7 mA
52 mA
220 µF
81%
ISE2424A(1)
A
5.00 º
A
0.035
(0.88)
0.010
(0.25)
Recommended Footprint
0.100
(2.54)
0.100
(2.54)
0.010
(0.25)
0.480
(12.20)
0.039
(1.00)
0.024
(0.60)
0.500±0.020
(12.70±0.5)
0.300 (7.62)
Top View grid: 0.1 x 0.1 in (2.54 x 2.54 mm)
Top View
Side View
12
4
5
8
1. All dimensions are in inches (mm)
2. Weight: 0.003 lbs (1.5 g) typical.
3. Pin diameter: 0.02 ±0.002 (0.5 ±0.005)
4. Pin pitch and length tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Notes
Mechanical Details
PIN CONNECTIONS
Pin
Function
1
-Vin
2
+Vin
4
0 V
5
+Vout
8
No Connection


Similar Part No. - ISE

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ISE0303A XPPOWER-ISE0303A Datasheet
316Kb / 3P
ISE Series DC-DC Converter
ISE0305A XPPOWER-ISE0305A Datasheet
316Kb / 3P
ISE Series DC-DC Converter
ISE0312A XPPOWER-ISE0312A Datasheet
316Kb / 3P
ISE Series DC-DC Converter
ISE0315A XPPOWER-ISE0315A Datasheet
316Kb / 3P
ISE Series DC-DC Converter
ISE0324A XPPOWER-ISE0324A Datasheet
316Kb / 3P
ISE Series DC-DC Converter
More results

Similar Description - ISE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com