Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS8804 Datasheet(PDF) 3 Page - ZP Semiconductor

Part # CJS8804
Description  Plastic-Encapsulate MOSFETS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJS8804 Datasheet(HTML) 3 Page - ZP Semiconductor

  CJS8804 Datasheet HTML 1Page - ZP Semiconductor CJS8804 Datasheet HTML 2Page - ZP Semiconductor CJS8804 Datasheet HTML 3Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
02
46
8
10
0
5
10
15
20
25
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
2
4
6
8
10
25
50
75
100
125
350
400
450
500
550
600
650
700
750
12
34
56
78
0
5
10
15
20
25
30
024
68
10
12
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1E-4
1E-3
0.01
0.1
1
10
V
GS=10V
、
3.0V、2V
V
GS=1.5V
DRAIN TO SOURCE VOLTAGE V
DS
(V)
Pulsed
V
GS=1.2V
GATE TO SOURCE VOLTAGE V
GS
(V)
V
DS=16V
Pulsed
T
a=100
℃
T
a=25
℃
Transfer Characteristics
Output Characteristics
JUNCTION TEMPERATURE T
J
( )
℃
I
D=250uA
Threshold Voltage
V
GS=2.5V
DRAIN CURRENT I
D
(A)
T
a=25
℃
Pulsed
V
GS=10V
V
GS=1.8V
I
D
——
R
DS(ON)
T
a=100
℃
T
a=25
℃
GATE TO SOURCE VOLTAGE V
GS
(V)
T
a=25
℃
Pulsed
I
D=8A
R
DS(ON)
—— V
GS
T
a=100
℃
T
a=25
℃
SOURCE TO DRAIN VOLTAGE V
SD
(V)
T
a=25
℃
Pulsed
V
SD
I
S
——
3 of 3
sales@zpsemi.com
www.zpsemi.com
CJS8804



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com