Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS8820 Datasheet(PDF) 3 Page - ZP Semiconductor

Part # CJS8820
Description  Plastic-Encapsulate MOSFETS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJS8820 Datasheet(HTML) 3 Page - ZP Semiconductor

  CJS8820 Datasheet HTML 1Page - ZP Semiconductor CJS8820 Datasheet HTML 2Page - ZP Semiconductor CJS8820 Datasheet HTML 3Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
01
234
56
0
4
8
12
16
20
024
68
10
0
20
40
60
80
0
4
8
12
16
20
0
20
40
60
80
01
23
0
5
10
15
20
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
25
50
75
100
125
0.55
0.60
0.65
0.70
0.75
0.80
2.6V
2.2V
2.4V
2.0V
1.8V
1.5V
DRAIN TO SOURCE VOLTAGE V
DS
(V)
Pulsed
V
GS=1.2V
GATE TO SOURCE VOLTAGE V
GS
(V)
I
D=3A
T
a=25
℃
Pulsed
V
GS
——
R
DS(ON)
T
a=25
℃
Pulsed
V
GS=10V
V
GS=2V
DRAIN CURRENT I
D
(A)
I
D
——
R
DS(ON)
Output Characteristics
GATE TO SOURCE VOLTAGE V
GS
(V)
V
DS=5V
Pulsed
T
a=100
℃
T
a=25
℃
Transfer Characteristics
SOURCE TO DRAIN VOLTAGE V
SD
(V)
T
a=25
℃
Pulsed
V
SD
I
S
——
AMBIENT TEMPERATURE T
a
( )
℃
I
D=250uA
Threshold Voltage
3 of 3
sales@zpsemi.com
www.zpsemi.com
CJS8820



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com