Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31DF4 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # 31DF4
Description  Ultra - Fast Recovery Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

31DF4 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  31DF4 Datasheet HTML 1Page - Nihon Inter Electronics Corporation 31DF4 Datasheet HTML 2Page - Nihon Inter Electronics Corporation 31DF4 Datasheet HTML 3Page - Nihon Inter Electronics Corporation 31DF4 Datasheet HTML 4Page - Nihon Inter Electronics Corporation 31DF4 Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
OUTLINE DRAWING
Maximum Ratings
Apporox Net Weight:1.19g
Rating
Symbol
31DF4
Unit
Repetitive Peak Reverse Voltage
VRRM
400
V
Non-repetitive Peak Reverse Voltage
VRSM
440
V
1.5
Ta=29
°C ∗1
Average Rectified Output Current
IO
3.0
Ta=25
°C ∗2
50Hz Half Sine
Wave Resistive Load
A
RMS Forward Current
IF(RMS)
4.71
A
Surge Forward Current
IFSM
60
50Hz Half Sine Wave,1cycle,
Non-repetitive
A
Operating JunctionTemperature Range
Tjw
- 40 to + 150
°C
Storage Temperature Range
Tstg
- 40 to + 150
°C
Electrical/Thermal
• Characteristics
Characteristics
Symbol
Conditions
Min. Typ. Max.
Unit
Peak Reverse Current
IRM
Tj= 25
°C, VRM= VRRM
-
-
20
µA
Peak Forward Voltage
VFM
Tj= 25
°C, IFM= 3 A
-
-
1.25
V
Reverse Recovery Time
trr
Ta= 25
°C, IFM=3 A –di/dt=50A/µs
30
ns
∗1:Without Fin.
80
Thermal Resistance
(Junction to Ambient)
Rth(j-a)
∗2:With Fin
-
-
34
°C/W
∗1: Without Fin or P.C. Board
∗2: With Fin:20x20x1t(mm):Copper plates, L=5mm, Both Sides
FRD
Type
Type
Type
Type
: 31DF4
31DF4
31DF4
31DF4
FEATURES
* Ultra – Fast Recovery
* Low Forward Voltage Drop
* Low Power Loss, High Efficiency
* High Surge Capability
* 200 Volts thru 600 Volts Types Available


Similar Part No. - 31DF4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
31DF4 ETC-31DF4 Datasheet
40Kb / 2P
3 Amp. Glass Passivated Ultrafast Recovery Rectifier
logo
Taiwan Semiconductor Co...
31DF4 TSC-31DF4 Datasheet
62Kb / 2P
3.0 AMPS. Ultra Fast Recovery Rectifiers
31DF4 TSC-31DF4 Datasheet
271Kb / 2P
3.0 AMPS. Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
31DF4 BILIN-31DF4 Datasheet
52Kb / 2P
SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
31DF4 TSC-31DF4 Datasheet
528Kb / 2P
3.0 AMPS. Super Fast Rectifiers
More results

Similar Description - 31DF4

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
31DQ06 NIEC-31DQ06 Datasheet
24Kb / 2P
Ultra - Fast Recovery Diode
logo
AUK corp
SF10A400H AUK-SF10A400H Datasheet
216Kb / 4P
Ultra Fast Recovery Diode
SF10A600H AUK-SF10A600H Datasheet
200Kb / 4P
Ultra Fast Recovery Diode
logo
SemiHow Co.,Ltd.
HDA40U20GW SEMIHOW-HDA40U20GW Datasheet
365Kb / 3P
Ultra Fast Recovery Diode
logo
Sanken electric
DEXS-1106S SANKEN-DEXS-1106S Datasheet
358Kb / 7P
Ultra Fast Recovery Diode
logo
Renesas Technology Corp
RJU3051TDPP-EJ RENESAS-RJU3051TDPP-EJ Datasheet
102Kb / 4P
Ultra Fast Recovery Diode
RJU3052TDPP-EJ RENESAS-RJU3052TDPP-EJ Datasheet
103Kb / 4P
Ultra Fast Recovery Diode
RJU4352SDPD-E0 RENESAS-RJU4352SDPD-E0 Datasheet
61Kb / 4P
Ultra Fast Recovery Diode
RJU6053WDPP-M0 RENESAS-RJU6053WDPP-M0 Datasheet
104Kb / 4P
Ultra Fast Recovery Diode
logo
Rohm
RFN2VWM2S ROHM-RFN2VWM2S Datasheet
1Mb / 8P
Ultra Fast Recovery Diode
2022/01/24_Rev.001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com