Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPY100B Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # ZPY100B
Description  Silicon Power Z-Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZPY100B Datasheet(HTML) 1 Page - Diotec Semiconductor

  ZPY100B Datasheet HTML 1Page - Diotec Semiconductor ZPY100B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZPY10B ... ZPY200B (1.3 W)
ZPY10B ... ZPY200B (1.3 W)
Silicon Power Z-Diodes (non-planar technology)
Silizium-Leistungs-Z-Dioden (flächendiffundierte Dioden)
Version 2015-05-13
Dimensions - Maße [mm]
Maximum power dissipation
Maximale Verlustleistung
1.3 W
Nominal Z-voltage
Nominale Z-Spannung
10...200 V
Plastic case
Kunststoffgehäuse
DO-41
(DO-204AL)
Weight approx.
Gewicht ca.
0.4 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped in ammo pack
Standard Lieferform gegurtet in Ammo-Pack
Standard Zener voltage tolerance is graded to the international E 24 standard (~ ±5%).
The devices ZPY10B ... ZPY200B are specially selected.
Other voltage tolerances and Zener voltages on request.
Die Standard-Toleranz der Z-Spannung ist gestuft nach der internationalen Reihe E 24 (~ ±5%).
Die Reihe ZPY10B ... ZPY200B ist eine Sonderselektion.
Andere Toleranzen oder Zener-Spannungen auf Anfrage.
Maximum ratings and Characteristics
Grenz- und Kennwerte
Power dissipation
Verlustleistung
TA = 50°C
Ptot
1.3 W 1)
Non repetitive peak power dissipation, t < 1 ms
Einmalige Impuls-Verlustleistung, t < 1 ms
TA = 25°C
PZSM
40 W
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+175°C
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
<45 K/W 1)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht – Anschluss
RthT
<15 K/W
Zener voltages see table on next page – Zener-Spannungen siehe Tabelle auf der nächsten Seite
2
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
2
Tested with pulses – Gemessen mit Impulsen
© Diotec Semiconductor AG
http://www.diotec.com/
1
Ø 0.77±0.07
Ø 2.6
-0.1


Similar Part No. - ZPY100B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZPY100 DIODES-ZPY100 Datasheet
62Kb / 3P
SILICON PLANAR POWER ZENER DIODE
DS21404 Rev. D-3
logo
General Semiconductor
ZPY100 GE-ZPY100 Datasheet
217Kb / 5P
ZENER DIODES
logo
Vishay Siliconix
ZPY100 VISHAY-ZPY100 Datasheet
186Kb / 5P
Zener Diodes
02-May-02
logo
Diotec Semiconductor
ZPY100 DIOTEC-ZPY100 Datasheet
111Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
logo
EIC discrete Semiconduc...
ZPY100 EIC-ZPY100 Datasheet
35Kb / 2P
ZENER DIODES
More results

Similar Description - ZPY100B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZG03C VISHAY-BZG03C Datasheet
71Kb / 5P
Silicon Z-Diodes
01-Apr-99
BZG05C VISHAY-BZG05C Datasheet
64Kb / 4P
Silicon Z-Diodes
01-Apr-99
TZM5221B VISHAY-TZM5221B Datasheet
59Kb / 4P
Silicon Z-Diodes
01-Apr-99
logo
Diotec Semiconductor
ZPY10 DIOTEC-ZPY10 Datasheet
90Kb / 2P
Silicon Power Z-Diodes
logo
Vishay Siliconix
BZG47 VISHAY-BZG47 Datasheet
84Kb / 4P
Silicon Z–Diodes
06-Aug-99
logo
New Jersey Semi-Conduct...
ZX3.9 NJSEMI-ZX3.9 Datasheet
166Kb / 2P
Silicon Power Z Diodes
logo
List of Unclassifed Man...
BZY83C ETC-BZY83C Datasheet
157Kb / 5P
Silicon Z-diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com