Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD1802FX Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MD1802FX
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MD1802FX Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MD1802FX Datasheet HTML 1Page - Inchange Semiconductor Company Limited MD1802FX Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
MD1802FX
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
VCEO(sus)
Collector-emitter sustaining Voltage
IC= 10mA; IC= 0
700
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 5.0A; IB=1.25A
1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 5.0A; IB=1.25A
1.2
V
ICBO
Collector Cutoff Current
VCB= 1500V ; IE= 0
0.2
mA
IEBO
Emitter Cutoff Current
VEB= 9V ; IC= 0
1
mA
hFE-1
DC Current Gain
IC= 1A ; VCE= 5V
23
hFE-2
DC Current Gain
IC= 5A ; VCE= 1V
5.5
hFE-3
DC Current Gain
IC= 5A ; VCE= 5V
5.5
Switching times
ts
Inductive load
Storage Time
ICP= 4A , IB(on))= 0.5A ;
fH= 16kHz VBE(Off)=-2.7V,
LBB(OFF)=4.5uH
2.4
μ
s
tf
Fall Time
0.2
μ
s
1. Pulsed duration =300us,duty cycle ≤1.5%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com