Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7729 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE7729
Description  4 Channel Airbag Satellite Receiver IC SatRICTM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7729 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE7729 Datasheet HTML 1Page - Infineon Technologies AG TLE7729 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T h e T L e 7 7 2 9 – SatRICTM - is a highly integrated interface IC specially
designed for automotive restraint applications. The device, located in the eCU
(electronic Control Unit) of the airbag system, is able to receive data from different
types of intelligent sensors like inertia and pressure sensor satellites for front-,
side-, or rear-crash sensor applications. It provides a pre-regulated power supply
voltage to the satellites over a twisted pair of wires. The satellite module transmits
digital data to TLe 7729 by modulating the line current.
Applications
Automotive Restraint Applications
Features
4 independent satellite receiver channels for current modulated data
each channel can support up to two satellites with
a total of up to eight sensors
Data rate 125 kBaud
Support of 11-, 13-, 18-Bit Manchester 1 or 2 encoded messages
Channel configuration in pairs (Bus Mode, Protocol Type)
Supply of satellite channels via 4 independent voltage regulators
Adjustable current level detection thresholds
Asynchronous and synchronous data transmission modes
All digital I/Os are 3.3 V and 5 V compatible
4 Digital outputs for voltage-converted received satellite signals
16-bit 8 Mhz Serial Peripheral Interface (SPI)
embedded protocol handler for data preprocessing
Small P-TSSOP-28 Package
Embedded Protection Functions
Current limitation in case of satellite output shorted to GND or Battery
Channel specific over-temperature shutdown
■
■
■
■
■
■
■
■
■
■
■
■
■
■
■
■
w w w . i n f i n e o n . c o m / r e s t r a i n t - s y s t e m - I C
Automotive Power
Product Brief
TLE 7729
4 Channel Airbag Satellite Receiver IC
SatRICTM
Power Supply
&
Control
Protocol
Handler
&
Control
Logic
SATFD1 - Driver
SATFD 2 - Driver
VCC
IREF
6
23
SATFD1
SATREF12
27
VSYNC12
28
VSYNCxy
VBUSCxy
Sense
&
Control
Logic
6 V/11 V
VSYNC34
15
VBUS12
1
VBUS34
14
22
SATREF34
20
SATFD2 2
SATFD 3 - Driver
SATFD3 13
SATFD 4 - Driver
Protocol Handler
SATFD4
AGND
Start
Bits
CRC
Sensor
Status
Sensor Data
16
21
DGND
7
N.C.
26
N.C.
HW Status
Communication Status
17
TLE 7729
N.C.
3
TEST
12
RIN
24
CLK
8
SATSYNC
18
RxD3
11
RxD2
4
RxD1
25
SPI
Interface
MOSI
9
CS
19
SCK
10
MISO
5
Channel
Address
P
System
Status
Receiver Data
Embedded Diagnostic Functions
Leakage detection to GND and Battery
Ground loss detection
Short to GND and open detection at every
reference pins
■
■
■


Similar Part No. - TLE7729

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7719 INFINEON-TLE7719 Datasheet
22Kb / 1P
Airbag Satellite Receive IC (SatRIC)
V1.0, 2002-12-02
More results

Similar Description - TLE7729

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1248F TOSHIBA-TA1248F Datasheet
565Kb / 16P
I/Q DEMODULATION IC FOR DIGITAL SATELLITE RECEIVER
TA8899AF TOSHIBA-TA8899AF Datasheet
597Kb / 15P
FM DEMODULATION IC FOR BROADCASTIONG SATELLITE RECEIVER
logo
Infineon Technologies A...
TLE7719 INFINEON-TLE7719 Datasheet
22Kb / 1P
Airbag Satellite Receive IC (SatRIC)
V1.0, 2002-12-02
logo
Siemens Semiconductor G...
TDA6151-5 SIEMENS-TDA6151-5 Datasheet
678Kb / 15P
Satellite-Video IC
logo
Toshiba Semiconductor
TA8804F TOSHIBA-TA8804F Datasheet
430Kb / 16P
FM DEMODULATION IC FOR BROADCASTING SATELLITE RECEIVER
logo
ATMEL Corporation
ATA6264 ATMEL-ATA6264 Datasheet
1Mb / 83P
Airbag Power Supply IC
logo
EPCOS
B800 EPCOS-B800 Datasheet
81Kb / 6P
Satellite Receiver Filter
B801 EPCOS-B801 Datasheet
114Kb / 9P
Satellite Receiver Filter
logo
Bourns Electronic Solut...
2035-09-SM-RPLF BOURNS-2035-09-SM-RPLF_12 Datasheet
217Kb / 1P
Satellite Receiver RF Input
logo
STMicroelectronics
L9678P STMICROELECTRONICS-L9678P Datasheet
2Mb / 203P
Automotive user configurable airbag IC
27-Oct-2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com