Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1835 Datasheet(PDF) 13 Page - Analog Devices

Part # AD1835
Description  2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1835 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1835 Datasheet HTML 9Page - Analog Devices AD1835 Datasheet HTML 10Page - Analog Devices AD1835 Datasheet HTML 11Page - Analog Devices AD1835 Datasheet HTML 12Page - Analog Devices AD1835 Datasheet HTML 13Page - Analog Devices AD1835 Datasheet HTML 14Page - Analog Devices AD1835 Datasheet HTML 15Page - Analog Devices AD1835 Datasheet HTML 16Page - Analog Devices AD1835 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
REV. PrA
PRELIMINARY TECHNICAL DATA
AD1835
–13–
The DAC serial data input mode defaults to I
2S. By changing
Bits 5, 6, and 7 in DAC Control Register 1, the mode can be
changed to RJ, DSP, LJ, Packed Mode 1, or Packed Mode 2.
The word width defaults to 24 bits but can be changed by
reprogramming Bits 3 and 4 in DAC Control Register 1.
Packed Modes
The AD1835 has a packed mode that allows a DSP or other
controller to write to all DACs and read all ADCs using one
input data pin and one output data pin. Packed Mode 256
refers to the number of BCLKs in each frame. The LRCLK is
low while data from a left channel DAC or ADC is on the data
pin and high while data from a right channel DAC or ADC is
on the data pin. DAC data is applied on the DSDATA1 pin
and ADC data is available on the ASDATA pin. Figures 7–10
show the timing for the packed mode. Packed mode is only avail-
able for 48 kHz and when the ADC is set as a master (
M/S = 0).
Auxiliary (TDM) Mode
A special auxiliary mode is provided to allow three external
stereo ADCs to be interfaced to the AD1835 to provide 8-
in/8-out operation. In addition, this mode supports glueless
interface to a single SHARC DSP serial port, allowing a
SHARC DSP to access all eight channels of analog I/O. In this
special mode, many pins are redefined; see Table II for a list of
redefined pins.
The auxiliary and the TDM interfaces are independently config-
urable to operate as masters or slaves. When the auxiliary
interface is set as a master, by programming the Aux Mode bit
in ADC Control Register II, the AUXLRCLK and AUXBCLK
are generated by the AD1835. When the auxiliary interface is
set as a slave, the AUXLRCLK and AUXBCLK need to be
generated by an external ADC as shown in Figure 13.
The TDM interface can be set to operate as a master or slave by
connecting the M/S pin to DGND or ODVDD, respectively. In
master mode, the FSTDM and BCLK signals are outputs and
generated by the AD1835. In slave mode, the FSTDM and
BCLK are inputs and should be generated by the SHARC.
Slave mode operation is available for 48 kHz and 96 kHz opera-
tion (based on a 12.288 MHz or 24.576 MHz MCLK) and
master mode operation is available for 48 kHz only.
LRCLK
BCLK
SDATA
LRCLK
BCLK
SDATA
LRCLK
BCLK
SDATA
LRCLK
BCLK
SDATA
LEFT CHANNEL
RIGHT CHANNEL
LEFT CHANNEL
RIGHT CHANNEL
LEFT CHANNEL
RIGHT CHANNEL
MSB
MSB
MSB
MSB
MSB
MSB
MSB
MSB
LSB
LSB
LSB
LSB
LSB
LSB
LSB
LSB
LEFT-JUSTIFIED MODE – 16 BITS TO 24 BITS PER CHANNEL
12S MODE – 16 BITS TO 24 BITS PER CHANNEL
RIGHT-JUSTIFIED MODE – SELECT NUMBER OF BITS PER CHANNEL
DSP MODE – 16 BITS TO 24 BITS PER CHANNEL
1/fS
NOTES
1. DSP MODE DOES NOT IDENTIFY CHANNEL
2. LRCLK NORMALLY OPERATES AT fS EXCEPT FOR DSP MODE WHICH IS 2
fS
3. BCLK FREQUENCY IS NORMALLY 64
LRCLK BUT MAY BE OPERATED IN BURST MODE
Figure 4. Stereo Serial Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com