Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST67S Datasheet(PDF) 6 Page - STMicroelectronics

Part # ACST67S
Description  OVER VOLTAGE PROTECTED AC POWER SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST67S Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ACST67S Datasheet HTML 2Page - STMicroelectronics ACST67S Datasheet HTML 3Page - STMicroelectronics ACST67S Datasheet HTML 4Page - STMicroelectronics ACST67S Datasheet HTML 5Page - STMicroelectronics ACST67S Datasheet HTML 6Page - STMicroelectronics ACST67S Datasheet HTML 7Page - STMicroelectronics ACST67S Datasheet HTML 8Page - STMicroelectronics ACST67S Datasheet HTML 9Page - STMicroelectronics ACST67S Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ACST6
6/10
®
Figure 10: Non repetitive surge peak on-state
current for a sinusoidal pulse with width tp <
10ms, and corresponding value of I2t
Figure 11: Relative variation of gate trigger
current, holding current and latching current
versus junction temperature (typical values)
Figure 12: Relative variation of critical rate of
decrease of main current versus reapplied (dV/
dt)c (typical values)
Figure 13: Relative variation of critical rate of
decrease of main current versus junction tem-
perature
Figure 14: Relative variation of dV/dt immunity
versus junction temperature for different val-
ues of gate to com resistance (gate open is the
reference value)
Figure 15: Thermal resistance junction to
ambient versus copper surface under tab
(printed circuit board FR4, copper thickness:
35
µm) (D2PAK)
0.01
0.10
1.00
10.00
1
10
100
1000
I
(A), I t (A s)
TSM
22
t (ms)
p
T initial=25°C
j
ITSM
I t
2
dI/dt limitation:
100A/µs
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
I,
, [T
,
GT I
I
] / I
I , I [T =25°C]
HL
j
GT
H
L
j
T (°C)
j
I
QI, QII, I & I
GT
H
L
I
QIII
GT
0.1
1.0
10.0
100.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
(dV/dt)c (V/µs)
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
T = 125°C
j
0
25
50
75
100
125
0
1
2
3
4
5
6
(dI/dt)c[T ] /
j
(dI/dt)c[T =125°C]
j
Tj(°C)
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
R
= 1kW
gk
Gate open
Rgk = 470W
Rgk < 220W
dV/dt[T ] /
j
dV/dt[T =125°C]
j
Tj(°C)
0
2
4
6
8
10121416
1820
0
10
20
30
40
50
60
70
S(Cu)(cm²)
R
(°C/W)
th(j-a)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com