Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8305 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8305
Description  100 dB Range (10 nA to 1 mA) Logarithmic Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8305 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8305 Datasheet HTML 9Page - Analog Devices AD8305 Datasheet HTML 10Page - Analog Devices AD8305 Datasheet HTML 11Page - Analog Devices AD8305 Datasheet HTML 12Page - Analog Devices AD8305 Datasheet HTML 13Page - Analog Devices AD8305 Datasheet HTML 14Page - Analog Devices AD8305 Datasheet HTML 15Page - Analog Devices AD8305 Datasheet HTML 16Page - Analog Devices AD8305 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. A
AD8305
–13–
REVERSING THE INPUT POLARITY
Some applications may require interfacing to a circuit that
sources current rather than sinks current, such as connecting to
the cathode side of a photodiode. Figure 7 shows the use of a
current mirror circuit. This allows for simultaneous monitoring
of the optical power at the cathode, and a data recovery path
using a transimpedance amplifier at the anode. The modified
Wilson mirror provides a current gain very close to unity and a
high output resistance. Figure 8 shows measured transfer function
and law conformance performance of the AD8305 in conjunc-
tion with this current mirror interface.
AD8305
12
11
10
9
5
6
7
8
COMM COMM COMM COMM
16
15
14
13
1
2
3
4
VSUM VNEG VNEG VPOS
VRDZ
VREF
IREF
INPT
VOUT
SCAL
BFIN
VLOG
2.5V
0.1 F
5V
0V
0V
1nF
200k
MAT03
MAT03
DATA PATH
5V
0.1 F
TIA
IIN IPD
10nA TO 1mA
IPD 1k
1nF
OUTPUT
VOUT = 0.2
log10 (IPD/1nA)
Figure 7. Wilson Current Mirror for Cathode Interfacing
IPD – A
1.4
0
1.2
1.0
0.8
0.6
0.4
0.2
1.00
0.75
0
1.6
0.50
–1.00
–0.75
–0.50
–0.25
0.25
+5V
+3V
5V
5V
+5V
+3V
1n
10n
100n
1
10
100
1m
10m
Figure 8. Log Output and Error Using Current
Mirror with Various Supplies
CHARACTERIZATION METHODS
During the characterization of the AD8305, the device was
treated as a precision current-input logarithmic converter, since
it is not practical for several reasons to generate accurate photo-
currents by illuminating a photodiode. The test currents were
generated either by using well calibrated current sources, such
as the Keithley 236, or by using a high value resistor from a
voltage source to the input pin. Great care is needed when using
very small input currents. For example, the triax output connec-
tion from the current generator was used with the guard tied to
VSUM. The input trace on the PC board was guarded by con-
necting adjacent traces to VSUM.
These measures are needed to minimize the risk of leakage
current paths. With 0.5 V as the nominal bias on the INPT pin,
a leakage-path resistance of 1 G
W to ground would subtract
0.5 nA from the input, which amounts to an error of –0.44 dB for
a source current of 10 nA. Additionally, the very high output
resistance at the input pins and the long cables commonly needed
during characterization allow 60 Hz and RF emissions to introduce
substantial measurement errors. Careful guarding techniques
are essential to reduce the pickup of these spurious signals.
VSUM
VNEG
VPOS
VREF
IREF
INPT
VOUT
BFIN
VLOG
TRIAX CONNECTORS
(SIGNAL – INPT AND IREF
GUARD – VSUM
SHIELD – GROUND)
AD8305
CHARACTERIZATION
BOARD
KEITHLEY 236
KEITHLEY 236
DC MATRIX/DC SUPPLIES/DMM
Figure 9. Primary Characterization Setup
The primary characterization setup shown in Figure 9 is used to
measure VREF, the static (dc) performance, logarithmic conform-
ance, slope and intercept, the voltages appearing at pins VSUM,
INPT and IREF, and the buffer offset and VREF drift with temper-
ature. To ensure stable operation over the full current range of
IREF and temperature extremes, filter components of C1 = 4.7 nF
and R13 = 2 k
W are used at pin to IREF ground. In some cases,
a fixed resistor between pins VREF and IREF was used in place
of a precision current source. For the dynamic tests, including
noise and bandwidth measurements, more specialized setups
are required.
AD8305
12
11
10
9
5
6
7
8
COMM COMM COMM COMM
16
15
14
13
1
2
3
4
VSUM VNEG VNEG VPOS
VRDZ
VREF
IREF
INPT
VOUT
SCAL
BFIN
VLOG
0.1 F
OUTPUT
AD8138
EVALUATION
BOARD
A
B
+IN
BNC-T
INPUT R
INPUT A
INPUT B
HP 3577A
NETWORK ANALYZER
+VS
AD8138
PROVIDES DC OFFSET
Figure 10. Configuration for Buffer Amplifier
Bandwidth Measurement
Figure 10 shows the configuration used to measure the buffer
amplifier bandwidth. The AD8138 evaluation board includes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com