Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS102-M Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LPS102-M
Description  Total Power: 80 - 150 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPS102-M Datasheet(HTML) 2 Page - Artesyn Technologies

  LPS102-M Datasheet HTML 1Page - Artesyn Technologies LPS102-M Datasheet HTML 2Page - Artesyn Technologies LPS102-M Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LPS100-M Series Data Sheet
Environmental Specifications
Operating temperature
0° to 50 °C ambient derate each output as 2.5% per degree from 50° to 70 °C. -20 °C start up
Storage temperature
-40 °C to +85 °C
Electromagnetic susceptibility
Designed to meet EN61000-4; -2, -3, -4, -5, -6, -8, -11 Level 3
Humidity
Operating; non-condensing 10% to 95% RH
Vibration
IEC 60068-2-6 to the levels of IEC721-3-2
MTBF calculated
534,000 hours at full load and 25 °C ambient conditions, 230 V input, Bellcore
Ordering Information
Model Number Output Voltage Minimum
Load
Maximum Load with
Convection Cooling
Maximum Load with
30CFM Forced Air
Peak Load
Regulation2
Ripple
P/P (PARD)3
LPS102-M
5 V
0 A
16 A
24 A
30 A
± 2%
50 mV
LPS103-M
12 V
0 A
8.3 A
12.5 A
14 A
± 2%
120 mV
LPS104-M
15 V
0 A
6.7 A
10 A
11 A
± 2%
150 mV
LPS105-M
24 V
0 A
4.2A
6.3 A
7A
± 2%
240 mV
LPS108-M
48 V
0 A
2.1A
3.1 A
3.5 A
± 2%
480 mV
LPS109-M
54 V
0 A
1.85 A
2.8 A
3.1 A
± 2%
540 mV
1. Peak current lasting < 30 seconds with a maximum 10% duty cycle.
2. At 25 °C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 µF (tantalum capacitor) in parallel with a 0.1 µF capacitor at rated line voltage and load ranges.
4. This product is a Component Power Supply and is only for inclusion by professional installers within other equipment and must not be
operated as a standalone product. EMC compliance to appropriate standards must be verified at the system level. This product is for sale to
OEMs and System Integrators, including through Distribution Channels. It is not intended for sale to End Users.
Pin Assignments
Connector
LPS100-M
SK1
Pin 1
Neutral
Pin 3
Line
SK2
Pin 1
Common
Pin 2
Common
Pin 3
Common
Pin 4
Common
Pin 5
+Vout
Pin 6
+Vout
Pin 7
+Vout
Pin 8
+Vout
SK203
Pin 1
Common
Pin 2
Power Fail
Pin 3
- Remote Sense
Pin 4
+ Remote Sense
SK5
Pin 1
+12 V Fan
Pin 2
+12 V Fan
Pin 3
Fan Return (Isolated)
Pin 4
Fan Return (Isolated)
Mating Connectors
AC Input (SK1)
Molex P/N: 09-50-3031, Pins: 08-52-0072 or
Landwin P/N: 3060S0302, Pins: 3360T011P
AC Ground
Molex: 01-90020001
DC Output
(SK2)
Molex P/N: 09-50-3081, Pins: 08-52-0072or
Landwin P/N: 3060S0802, Pins: 3360T011P
Remote Sense
(SK203)
Molex P/N: 35155-0400, Pins: 08-70-0056 or
Landwin P/N: 2640S04A0, Pins: 2543T011P
Fan: (SK5)
Molex P/N: 22-01-1042, Pins: 08-70-0049 or
Landwin: P/N: 2510S04A0, Pins: 2543T011P
Artesyn Embedded Technologies Connector Kit #70-841-025,
includes all of the above
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±.02”.
3. Mounting holes M1, M2 should be grounded for EMI purpose
4. Mounting M1 is safety ground connection
5. Specifications are for convection rating at factory settings at 115
Vac input 25 °C unless otherwise stated.
6. This power supply requires mounting on metal standoffs 0.20”
(5 m) in height.
7. For DC input an external DC safety rated fuse must be used.
8. Warranty: 2 years
9. Weight: 0.44 lb. / 0.20 kg



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com