Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-252-2L Datasheet(PDF) 2 Page - ZP Semiconductor

Part # TO-252-2L
Description  Plastic-Encapsulate MOSFETS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

TO-252-2L Datasheet(HTML) 2 Page - ZP Semiconductor

  TO-252-2L Datasheet HTML 1Page - ZP Semiconductor TO-252-2L Datasheet HTML 2Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical characteristics (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Off characteristics
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =250µA
600
Drain-source diode forward voltage(note2)
VSD
VGS = 0V, IS =4.0A
1.5
V
Zero gate voltage drain current
IDSS
VDS =600V, VGS =0V
25
µA
Gate-body leakage current (note2)
IGSS
VDS =0V, VGS =±30V
±
100
nA
On characteristics (note2)
Gate-threshold voltage
VGS(th)
VDS =VGS, ID =250µA
2.0
4.0
V
Static drain-source on-resistance
RDS(on)
VGS =10V, ID =2.0A
2.0
3.0
Ω
Forward transconductance
gfs
VDS =50V, ID =2A
2.5
S
Dynamic characteristics (note 3)
Input capacitance
Ciss
760
Output capacitance
Coss
180
Reverse transfer capacitance
Crss
VDS =25V,VGS =0V,f =1MHz
20
pF
Switching characteristics (note 3)
Total gate charge
Qg
5.0
10
Gate-source charge
Qgs
2.7
Gate-drain charge
Qgd
VDS =480V,VGS =10V,ID =4.0A
2.0
nC
Turn-on delay time (note3)
td(on)
20
Turn-on rise time (note3)
tr
10
Turn-off delay time (note3)
td(off)
40
Turn-off fall time (note3)
tf
VDD=300V, VGS=10V,
RG=9.1Ω, ID =4.0A
20
ns
Notes :
1.
L=
30mH, IL=4 A, VDD=100V, VGS=10V,RG=25Ω,Starting TJ=25
℃.
2.
Pulse Test : Pulse width≤300µs, duty cycle ≤2%.
3.
These parameters have no way to verify.
2 of 2
sales@zpsemi.com
www.zpsemi.com
CJU04N60A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com