Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8515 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8515
Description  1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8515 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8515 Datasheet HTML 8Page - Analog Devices AD8515 Datasheet HTML 9Page - Analog Devices AD8515 Datasheet HTML 10Page - Analog Devices AD8515 Datasheet HTML 11Page - Analog Devices AD8515 Datasheet HTML 12Page - Analog Devices AD8515 Datasheet HTML 13Page - Analog Devices AD8515 Datasheet HTML 14Page - Analog Devices AD8515 Datasheet HTML 15Page - Analog Devices AD8515 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. B
AD8515
–13–
Wien Bridge Oscillator
The circuit in Figure 7 can be used to generate a sine wave, one
of the most fundamental waveforms. Known as a Wien Bridge
oscillator, it has the advantage of requiring only one low power
amplifier. This is an important consideration, especially for battery-
operated applications where power consumption is a critical
issue. To keep the equations simple, the resistor and capacitor
values used are kept equal. For the oscillation to happen, two
conditions have to be met. First, there should be a zero phase
shift from the input to the output, which will happen at the
oscillation frequency of
F
RC
OSC
=
¥
1
210
10
p
Second, at this frequency, the ratio of VOUT to the voltage at
+input (Pin 3) has to be 3, which means that the ratio of
R11/R12 should be greater than 2.
AD8515
1
3
2
V–
V+
VCC
U10
C10
1nF
R13
1k
R11
2.05k
C9
1nF
R10
1k
R12
1k
VEE
Figure 7. Low Power Wien Bridge Oscillator
High frequency oscillators can be built with the AD8515 due to its
wide bandwidth. Using the values shown, an oscillation frequency of
130 kHz is created and is shown in Figure 8. If R11 is too low, the
oscillation might converge; if too large, the oscillation will diverge
until the output clips (VS =
±2.5 V, FOSC = 130 kHz).
TIME (2 s/DIV)
0
0
0
00
0
0000
0
000
0
0
0
0
0
0
Figure 8. Output of Wien Bridge Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com