Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS52I Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LPS52I
Description  Total Power: 55 - 60 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPS52I Datasheet(HTML) 1 Page - Artesyn Technologies

  LPS52I Datasheet HTML 1Page - Artesyn Technologies LPS52I Datasheet HTML 2Page - Artesyn Technologies LPS52I Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
LPS50 Series
60 Watts
Total Power: 55 - 60 Watts
Input Voltage: 90 - 264 Vac
127 - 300 Vdc
# of Outputs: Single
SPECIAL FEATURES
ƒ
Universal input
ƒ
2” x 4” footprint
ƒ
Less than 1U high
ƒ
Remote sense
ƒ
Overload and short circuit protection
ƒ
Adjustable output voltage
ƒ
High efficiency
ƒ
High MTBF
ƒ
Built in EMI filter (CISPR 22 Class B)
ƒ
LED power good indicator
ƒ
Input power < 74 watts
ƒ
Complies with EN61000-3-2
ƒ
RoHS compliant
ƒ
UL Class I approved
ƒ
LPS52(-I) and LPS53(-I) extended
temperature option: -40 °C to +80 °C
ƒ
LPX100 enclosure kit available
SAFETY
ƒ
UL
UL 60950-1
CAN/CSA-C22.2 60950-1
ƒ
TUV
EN60950-1
ƒ
CB
Certificate and report
ƒ
CE
LVD & EMC
Electrical Specifications
Input
Input range
90 - 264 Vac (wide range)
127 - 300 Vdc
Frequency
47 - 440 Hz
Inrush current
<60 A peak @ 230 Vac, cold start @ 25 °C
Input power
<74 Watts
Efficiency
80 - 85% typical at full load
EMI/RFI
FCC Class B conducted; CISPR22 Class B conducted; EN55022 Class
B conducted; VDE0878PT3 Class B conducted.
Safety ground
leakage current
<0.5 mA @ 50/60 Hz; 264 Vac input for class I; <0.25 mA @ 50/60 Hz;
264 Vac input for class II
Output
Maximum power
60 W for convection (LPS52 is 55 W)
Adjustment range
+20% minimum
Hold-up time
10/20 ms 115/230 Vac input line
Overload protection
Short circuit protection on all outputs.
Case overload protected @ 110-160% of normal rating
Overvoltage protection
30% to 50% above nominal output
Remote sense
Compensates for 0.5 V lead drop max. Will operate without remote
sense connected. Reverse connection protected.
Data Sheet


Similar Part No. - LPS52I

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPS52 ASTEC-LPS52 Datasheet
595Kb / 2P
60 Watts
logo
Emerson Network Power
LPS52 EMERSON-NETWORKPOWER-LPS52 Datasheet
515Kb / 3P
Universal input
logo
Astec America, Inc
LPS52-M ASTEC-LPS52-M Datasheet
595Kb / 2P
60 Watts
logo
Emerson Network Power
LPS52-M EMERSON-NETWORKPOWER-LPS52-M Datasheet
515Kb / 3P
Medical Safety Approvals
logo
Artesyn Technologies
LPS52-M ARTESYN-LPS52-M Datasheet
849Kb / 3P
Total Power: 55 - 60 Watts
More results

Similar Description - LPS52I

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPT51 ARTESYN-LPT51 Datasheet
678Kb / 3P
Total Power: 47 - 55 Watts
LPT41 ARTESYN-LPT41 Datasheet
1Mb / 4P
Total Power: 44 - 55 Watts
LPS61 ARTESYN-LPS61 Datasheet
585Kb / 3P
Total Power: 60 - 80 Watts
LPS52-M ARTESYN-LPS52-M Datasheet
849Kb / 3P
Total Power: 55 - 60 Watts
LPS41 ARTESYN-LPS41 Datasheet
589Kb / 3P
Total Power: 40 - 55 Watts
LPT62-M ARTESYN-LPT62-M Datasheet
839Kb / 3P
Total Power: 60 - 80 Watts
LPT51-M ARTESYN-LPT51-M Datasheet
674Kb / 3P
Total Power: 47 - 55 Watts
NPT42-M ARTESYN-NPT42-M Datasheet
646Kb / 3P
Total Power: 45 - 55 Watts
NPS62-M ARTESYN-NPS62-M Datasheet
589Kb / 3P
Total Power: 60 Watts
NPS42-M ARTESYN-NPS42-M Datasheet
644Kb / 3P
Total Power: 40 - 60 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com