Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPQ252-C Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LPQ252-C
Description  Total Power: 250 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPQ252-C Datasheet(HTML) 2 Page - Artesyn Technologies

  LPQ252-C Datasheet HTML 1Page - Artesyn Technologies LPQ252-C Datasheet HTML 2Page - Artesyn Technologies LPQ252-C Datasheet HTML 3Page - Artesyn Technologies LPQ252-C Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LPQ250 Series Data Sheet
Logic Control
Power fail
TTL Logic signal goes high 50-150 msec after 5 V output. It goes low at least 4 ms before loss of regulation
Remote on/off
Requires an external contact (N.O or N.C) to inhibit outputs
DC-OK
TTL logic goes high 50-150 msec after the output. It goes low when there is loss of regulation.
Remote sense
Compensates for 0.5 V lead drop minimum, will operate without remote sense connected. Reverse
connection protected
Environmental Specifications
Operating temperature
0 °C to 50 °C ambient; derate each output at 2.5% per degree from 50 °C to 70 °C
Storage temperature
-40 °C to +85 °C
Temperature coefficient
± 0.4% per °C
Electromagnetic susceptibility
Designed to meet IEC 801, -2, -3, -4, -5, -6, Level 3
Humidity
Operating; non-condensing 5% to 95%
Vibration
Three orthogonal axes, sweep at 1 oct/min, 5 min. dwell at four major resonances 0.7 G peak 5 Hz to
500 Hz, operational
MTBF demonstrated
> 550,000 hours at full load and 25 °C ambient conditions
Ordering Information
Model Number
Output Voltage
Minimum Load
Maximum Load
with 30CFM
Forced Air
Peak Load1
Regulation2
Ripple P/P(PARD)3
LPQ252-C
+5 V
3 A
35 A
40 A
±2%
50 mV
+12 V
0 A
10 A
12 A
±3%
120 mV
-12 V
0 A
6 A
8 A
±3%
120 mV
± 5 - 25 V
0 A
6 A
8 A
±3%
240 mV max.
LPQ253-C
+5 V
3 A
35 A
40 A
±2%
50 mV
+15 V
0 A
10 A
12 A
±3%
150 mV
-15 V
0 A
6 A
8 A
±3%
150 mV
± 5 - 25 V
0 A
6 A
8 A
±3%
240 mV max.
1. Peak current lasting < 30 seconds with a maximum 10% duty cycle.
2. At 25 °C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 μF in parallel with a 0.1 μF capacitor at rated line voltage and load ranges.
4. 4th output 5 - 25 V factory set at 5 V.
5. Minimum Load is required.
6. If optional CF or CEF fans are not used, 30CFM forced air cooling needs to be provided and is required through the length of the power supply.
Not convection rated.
7. This product is a Component Power Supply and is only for inclusion by professional installers within other equipment and must not be operated
as a standalone product. EMC compliance to appropriate standards must be verified at the system level. This product is for sale to OEMs and
System Integrators, including through Distribution Channels. It is not intended for sale to End Users.
Notes: -CF suffix added to the model number indicates cover with top fan. -CEF suffix added to the model number indicates cover with dual end
mounted fan cover and AC inlet.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com