Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPQ142 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # LPQ142
Description  Total Power: 110 - 145 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPQ142 Datasheet(HTML) 3 Page - Artesyn Technologies

  LPQ142 Datasheet HTML 1Page - Artesyn Technologies LPQ142 Datasheet HTML 2Page - Artesyn Technologies LPQ142 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are trademarks and
service marks of Artesyn Embedded Technologies, Inc. All other names and logos referred to are trade names,
trademarks, or registered trademarks of their respective owners. © 2016 Artesyn Embedded Technologies, Inc.
All rights reserved. For full legal terms and conditions, please visit www.artesyn.com/legal.
www.artesyn.com
LPQ142 Series-DS 18Mar2016
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±0.02”.
3. Specifications are for convection rating at factory settings unless otherwise stated.
4. Mounting screw maximum insertion depth is 0.12”.
5. Warranty: 2 year
6. Weight: 1.63 lb/0.74 kg
(4X) 63.5
1.5
(38.1)
(3X) 19.1
29.1
161.5
171.5
7.0
(177.8)
(2X) 6.4
(2X) 119.6
(2X) 139.7
SK1
N
L
GND
SK6
SK2
MAIN
OUTPUT
4.00
(101.6)
M3
#6-32
#6-32
M3
#6-32 (8 places)
M3 (8 places)
+12V OUT
COMM
-12V OUT
COMM
V4+
V4-
V4 Adj - Course
V1 Adj
V4 Adj - Fine
-CF option
V3 Output Adjust Pot
Mechanical Drawing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com