Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-252-2L Datasheet(PDF) 1 Page - ZP Semiconductor

Part # TO-252-2L
Description  Plastic-Encapsulate MOSFETS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

TO-252-2L Datasheet(HTML) 1 Page - ZP Semiconductor

  TO-252-2L Datasheet HTML 1Page - ZP Semiconductor TO-252-2L Datasheet HTML 2Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-252-2L Plastic-Encapsulate MOSFETS
CJU05N60
N-CHANNEL POWER MOSFET
DESCRIPTION
This advanced high voltage MOSFET is designed to withstand
high energy in the avalanche mode and switch efficiently. This new
high energy device also offers a drain-to-source diode with fast
recovery time.
Designed for high voltage, high speed switching applications
such as power suplies, converters, power motor controls and bridge
circuits.
FEATURES
Low RDS(on)
Lower Capacitances
Lower Total Gate Charge
Tighter VSD Specifications
Avalanche Energy Specified
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
600
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
ID
4.5
A
Single Pulsed Avalanche Energy (note1)
EAS
2
50
mJ
Power Dissipation (note 2,Ta=25
℃)
1.25
Maximum Power Dissipation (note 3,Tc=25
℃)
PD
120
W
Thermal Resistance from Junction to Ambient
RθJA
100
℃/W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-50 ~+150
℃
1. GATE
2. DRAIN
3. SOURCE
TO-252-2L
1 of 2
sales@zpsemi.com
www.zpsemi.com
CJU05N60


Similar Part No. - TO-252-2L

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
TO-252-2L DGNJDZ-TO-252-2L Datasheet
616Kb / 2P
T O-251-3L/TO-252-2L Plastic-Encapsulate Regulators
logo
ZP Semiconductor
TO-252-2L ZPSEMI-TO-252-2L Datasheet
568Kb / 2P
Plastic-Encapsulate MOSFETS
TO-252-2L ZPSEMI-TO-252-2L Datasheet
503Kb / 2P
Plastic-Encapsulate MOSFETS
TO-252-2L ZPSEMI-TO-252-2L Datasheet
502Kb / 2P
Plastic-Encapsulate MOSFETS
More results

Similar Description - TO-252-2L

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
8820 HOTTECH-8820 Datasheet
1Mb / 4P
Plastic-Encapsulate Mosfets
logo
ZP Semiconductor
CJB04N65A ZPSEMI-CJB04N65A Datasheet
539Kb / 2P
Plastic-Encapsulate MOSFETS
CJD04N60B ZPSEMI-CJD04N60B Datasheet
701Kb / 3P
Plastic-Encapsulate MOSFETS
CJP08N65 ZPSEMI-CJP08N65 Datasheet
526Kb / 2P
Plastic-Encapsulate MOSFETS
CJPF04N65A ZPSEMI-CJPF04N65A Datasheet
513Kb / 2P
Plastic-Encapsulate MOSFETS
CJPF07N60 ZPSEMI-CJPF07N60 Datasheet
1Mb / 3P
Plastic-Encapsulate MOSFETS
CJPF10N65 ZPSEMI-CJPF10N65 Datasheet
969Kb / 3P
Plastic-Encapsulate MOSFETS
CJS8804 ZPSEMI-CJS8804 Datasheet
1Mb / 3P
Plastic-Encapsulate MOSFETS
CJU01N65B ZPSEMI-CJU01N65B Datasheet
695Kb / 3P
Plastic-Encapsulate MOSFETS
logo
DONGGUAN YOU FENG WEI E...
2N7002KV YFWDIODE-2N7002KV Datasheet
1Mb / 4P
Plastic-Encapsulate MOSFETS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com