Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSQ2222A-R11_ Datasheet(PDF) 1 Page - Frontier Electronics.

Part # LSQ2222A-R11_
Description  SMD SQUARE AIR WOUND COIL SPECIFICATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

LSQ2222A-R11_ Datasheet(HTML) 1 Page - Frontier Electronics.

  LSQ2222A-R11_ Datasheet HTML 1Page - Frontier Electronics. LSQ2222A-R11_ Datasheet HTML 2Page - Frontier Electronics. LSQ2222A-R11_ Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LSQ2222A Series – SMD SQUARE AIR WOUND COIL SPECIFICATION Rev. A
Frontier Electronics Corp.
®
Page 1 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
ELECTRICAL SPECIFICATIONS
:
P/N
Turns
L (nH)
Tolerance
Q (min)
Test Freq (MHz) DCR (m) SRF (GHz)
IRMS (A)
LSQ2222A-90N_
6
90
J, G
140
50
5.50
1.15
5.0
LSQ2222A-R11_
7
110
J, G
140
50
6.50
1.00
5.7
LSQ2222A-R13_
8
130
J, G
140
50
7.50
1.00
5.4
LSQ2222A-R16_
9
160
J, G
140
50
8.25
1.00
5.7
LSQ2222A-R18_
10
180
J, G
140
50
9.50
1.10
5.0
LSQ2222A-R22_
12
220
J, G
140
50
11.0
1.00
5.0
LSQ2222A-R27_
14
270
J, G
140
50
12.5
0.80
4.3
LSQ2222A-R30_
15
300
J, G
150
50
13.8
0.72
3.7
DIMENSIONS: mm (inch)
P/N
a
b
c
d
e
f
LSQ2222A-90N_
5.21
(0.205)
5.46
(0.215)
5.69
(0.240)
4.70
(0.090)
6.35
(0.120)
2.16
(0.085)
LSQ2222A-R11_
6.35
(0.250)
5.59
(0.220)
5.69
(0.240)
5.84
(0.230)
6.73
(0.265)
2.16
(0.085)
LSQ2222A-R13_
6.73 ±0.381
(0.265)
5.59
(0.220)
5.69
(0.240)
6.22
(0.245)
6.73
(0.265)
2.16
(0.085)
LSQ2222A-R16_
7.37
(0.290)
5.59
(0.220)
5.69
(0.240)
6.60
(0.260)
6.73
(0.265)
2.16
(0.085)
LSQ2222A-R18_
8.13
(0.320)
5.59
(0.220)
5.69
(0.240)
7.37
(0.290)
6.73
(0.265)
2.16
(0.085)
LSQ2222A-R22_
9.91
(0.390)
5.59
(0.220)
5.69
(0.240)
9.14
(0.360)
6.73
(0.265)
2.16
(0.085)
LSQ2222A-R27_
11.68
(0.460)
5.59
(0.220)
5.69
(0.240)
10.67
(0.420)
6.73
(0.265)
2.16
(0.085)
LSQ2222A-R30_
11.94
(0.470)
5.72
(0.225)
5.69
(0.240)
11.18
(0.440)
6.73
(0.265)
2.16
(0.085)
Tol.
±0.381
(0.015)
±0.254
(0.010)
±0.254
(0.010)
Typ.
Typ.
Typ.
High SRF and High-Q Square Surface Mount Air Coils
Inductance: 90 ~ 300 nH
Current: 4.3 ~ 5.7 Amps


Similar Part No. - LSQ2222A-R11_

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
LSQ2929A FRONTIER-LSQ2929A Datasheet
412Kb / 3P
SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ2929A-R33_ FRONTIER-LSQ2929A-R33_ Datasheet
412Kb / 3P
SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ2929A-R36_ FRONTIER-LSQ2929A-R36_ Datasheet
412Kb / 3P
SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ2929A-R39_ FRONTIER-LSQ2929A-R39_ Datasheet
412Kb / 3P
SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ2929A-R43_ FRONTIER-LSQ2929A-R43_ Datasheet
412Kb / 3P
SMD SQUARE AIR WOUND COIL SPECIFICATION
More results

Similar Description - LSQ2222A-R11_

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
295A FRONTIER-295A Datasheet
454Kb / 3P
SMD AIR WOUND COIL SPECIFICATION
LSQ0707A FRONTIER-LSQ0707A Datasheet
400Kb / 3P
SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ1111A FRONTIER-LSQ1111A Datasheet
599Kb / 3P
SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ1515A FRONTIER-LSQ1515A Datasheet
479Kb / 3P
SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ2929A FRONTIER-LSQ2929A Datasheet
412Kb / 3P
SMD SQUARE AIR WOUND COIL SPECIFICATION
logo
WALSIN TECHNOLOGY CORPO...
WLQC WALSIN-WLQC Datasheet
280Kb / 9P
SMD Square Air Wound Coil Inductors
WLQC1111 WALSIN-WLQC1111 Datasheet
258Kb / 7P
SMD Square Air Wound Coil Inductors
WLQC1515 WALSIN-WLQC1515 Datasheet
255Kb / 7P
SMD Square Air Wound Coil Inductors
WLQC2222 WALSIN-WLQC2222 Datasheet
262Kb / 7P
SMD Square Air Wound Coil Inductors
WLQC2929 WALSIN-WLQC2929 Datasheet
254Kb / 7P
SMD Square Air Wound Coil Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com