Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSQ2929A-R39_ Datasheet(PDF) 1 Page - Frontier Electronics.

Part # LSQ2929A-R39_
Description  SMD SQUARE AIR WOUND COIL SPECIFICATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

LSQ2929A-R39_ Datasheet(HTML) 1 Page - Frontier Electronics.

  LSQ2929A-R39_ Datasheet HTML 1Page - Frontier Electronics. LSQ2929A-R39_ Datasheet HTML 2Page - Frontier Electronics. LSQ2929A-R39_ Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LSQ2929A Series – SMD SQUARE AIR WOUND COIL SPECIFICATION Rev. A
Frontier Electronics Corp.
®
Page 1 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
ELECTRICAL SPECIFICATIONS
:
P/N
Turns
L (nH)
Tolerance
Q (min)
Test Freq (MHz) DCR (m) SRF (GHz)
IRMS (A)
LSQ2929A-R33_
11
330
J, G
180
50
12.5
0.660
4.7
LSQ2929A-R36_
12
360
J, G
180
50
13.5
0.620
4.5
LSQ2929A-R39_
13
390
J, G
180
50
14.5
0.590
4.4
LSQ2929A-R43_
14
430
J, G
180
50
15.5
0.550
4.2
LSQ2929A-R50_
15
500
J, G
180
50
16.5
0.500
4.3
DIMENSIONS: mm (inch)
P/N
a
b
c
d
e
f
LSQ2929A-R33_
10.29
(0.405)
7.49
(0.295)
7.24
(0.285)
9.53
(0.375)
8.26
(0.325)
2.29
(0.090)
LSQ2929A-R36_
11.30
(0.445)
7.49
(0.295)
7.24
(0.285)
10.541
(0.415)
8.26
(0.325)
2.29
(0.090)
LSQ2929A-R39_
12.32
(0.485)
7.49
(0.295)
7.24
(0.285)
11.56
(0.455)
8.26
(0.325)
2.29
(0.090)
LSQ2929A-R43_
13.21
(0.520)
7.49
(0.295)
7.24
(0.285)
12.45
(0.490)
8.26
(0.325)
2.29
(0.090)
Q2929A-R50_
14.00
(0.551)
7.49
(0.295)
7.24
(0.285)
13.21
(0.520)
8.26
(0.325)
2.29
(0.090)
Tol.
±0.381
(0.015)
±0.254
(0.010)
±0.254
(0.010)
Typ.
Typ.
Typ.
GENERAL INFORMATION:
LSQ2929A-xxx, “LSQ2929A” = P/N, “xxx” = Inductance “_” = Tolerance (G= ±2%, J= ± 5%)
Operating temperature: -40C to +125ºC, Storage temp. : -40ºC to +85ºC
Maximum Temperature Rise: 15ºC (measured at 25ºC ambient)
Inductance & Q measured with HP4291B Impedance Analyzer with HP16193 test fixture
SRF measured using HP8753E Network Analyzer or equivalent
DCR measured using Chroma 16502 or equivalent
MSL: Level 1
High SRF and High-Q Square Surface Mount Air Coils
Inductance: 330 ~ 500 nH
Current: 4.2 ~ 4.7 Amps


Similar Part No. - LSQ2929A-R39_

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
LSQ2222A FRONTIER-LSQ2222A Datasheet
422Kb / 3P
SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ2222A-90N_ FRONTIER-LSQ2222A-90N_ Datasheet
422Kb / 3P
SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ2222A-R11_ FRONTIER-LSQ2222A-R11_ Datasheet
422Kb / 3P
SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ2222A-R13_ FRONTIER-LSQ2222A-R13_ Datasheet
422Kb / 3P
SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ2222A-R16_ FRONTIER-LSQ2222A-R16_ Datasheet
422Kb / 3P
SMD SQUARE AIR WOUND COIL SPECIFICATION
More results

Similar Description - LSQ2929A-R39_

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
295A FRONTIER-295A Datasheet
454Kb / 3P
SMD AIR WOUND COIL SPECIFICATION
LSQ0707A FRONTIER-LSQ0707A Datasheet
400Kb / 3P
SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ1111A FRONTIER-LSQ1111A Datasheet
599Kb / 3P
SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ1515A FRONTIER-LSQ1515A Datasheet
479Kb / 3P
SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ2222A FRONTIER-LSQ2222A Datasheet
422Kb / 3P
SMD SQUARE AIR WOUND COIL SPECIFICATION
logo
WALSIN TECHNOLOGY CORPO...
WLQC WALSIN-WLQC Datasheet
280Kb / 9P
SMD Square Air Wound Coil Inductors
WLQC1111 WALSIN-WLQC1111 Datasheet
258Kb / 7P
SMD Square Air Wound Coil Inductors
WLQC1515 WALSIN-WLQC1515 Datasheet
255Kb / 7P
SMD Square Air Wound Coil Inductors
WLQC2222 WALSIN-WLQC2222 Datasheet
262Kb / 7P
SMD Square Air Wound Coil Inductors
WLQC2929 WALSIN-WLQC2929 Datasheet
254Kb / 7P
SMD Square Air Wound Coil Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com