Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSQ2222A-R27_ Datasheet(PDF) 2 Page - Frontier Electronics.

Part # LSQ2222A-R27_
Description  SMD SQUARE AIR WOUND COIL SPECIFICATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

LSQ2222A-R27_ Datasheet(HTML) 2 Page - Frontier Electronics.

  LSQ2222A-R27_ Datasheet HTML 1Page - Frontier Electronics. LSQ2222A-R27_ Datasheet HTML 2Page - Frontier Electronics. LSQ2222A-R27_ Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LSQ2222A Series – SMD SQUARE AIR WOUND COIL SPECIFICATION Rev. A
Frontier Electronics Corp.
®
Page 2 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
GENERAL INFORMATION:
LSQ2222A-xxx, “LSQ2222A” = P/N, “xxx” = Inductance “_” = Tolerance (G= ±2%, J= ± 5%)
Operating temperature: -40C to +125ºC, Storage temp. : -40ºC to +85ºC
Maximum Temperature Rise: 15ºC (measured at 25ºC ambient)
Inductance & Q measured with HP4291B Impedance Analyzer with HP16193 test fixture
SRF measured using HP8753E Network Analyzer or equivalent
DCR measured using Chroma 16502 or equivalent
MSL: Level 1
ELECTRICAL CHARACTERISTICS:
50
100
150
200
250
300
350
400
450
500
1
2
3
4
5
6
7
8
9
10 20 30 40 50 60 70 80 90 100 200 300 400 500
FREQUENCY (MHz)
INDUCTANCE vs. FREQUENCY
LSQ2222A-R30_
LSQ2222A-R20_
LSQ2222A-R16_
LSQ2222A-90N_
20
60
100
140
180
220
260
300
340
1
2
3
4
5
6
7
8
9
10 20 30 40 50 60 70 80 90 100 200 300 400 500
Frequency (MHz)
Typical Q vs. Frequency
LSQ2222A-R30_
LSQ2222A-R20_
LSQ2222A-R16_
LSQ2222A-90N_



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com