Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFSS-3 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # CFSS-3
Description  Spread Spectrum Oscillator Specification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

CFSS-3 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  CFSS-3 Datasheet HTML 1Page - IQD Frequency Products Ltd CFSS-3 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CFSS-3
Spread Spectrum Oscillator Specification
ISSUE 3; April 2016
Outline (mm) ±0.5% = Centre Spread
Test Circuit
Example Output Spectrum (Centre Spread
±1%)
Description
Spread Spectrum surface mount crystal oscillator in a ceramic
package with a hermetically sealed metal lid
±0.5% Centre Spread
±1% Centre Spread
±2% Centre Spread
-1% Down Spread
-2% Down Spread
-4% Down Spread
Frequency Parameters
Frequency
12.0MHz to 168.0MHz
Frequency Stability
±50.00ppm
±5ppm max per year
Ageing
Electrical Parameters
3.3V ±5%
Supply Voltage
Operating Temperature Ranges
-10 to 70°C
Output Details
Output Compatability
CMOS
Drive Capability
15pF max
Modulation Ratios:
Centre Spread ±0.5%, ±1%, ±2%
Down Spread -1%, -2%, -4%
Output Control
Tri-state Operation:
Logic ‘1’ to pad 1 (>80% Vs) enables oscillator output
Logic ‘0’ to pad 1 (<20% Vs) disables oscillator output, the
oscillator output goes to a high impedance state
No connection to pad 1 enables oscillator output
Noise Parameters
Cycle to Cycle Jitter (1σ):
12MHz to <20MHz: 200ps max
20MHz to 168MHz: 100ps max
Environmental Parameters
Storage Temperature Range: -40 to 85°C
Drop: Natural drop, 3 times from 100cm onto a hard wooden
board 30mm thick
Vibration: 10-55Hz, 1.5mm displacement (10Hz-36Hz), 4G
(36Hz-55Hz), sweep time 1min/oct, 2hrs duration in each of 3
mutually perpendicular planes
Printed on 28 Apr 16 14:48 using Model Data Sheet V1.2550
Page 1 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - CFSS-3

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFSS-2 IQD-CFSS-2 Datasheet
214Kb / 3P
Spread Spectrum Oscillator Specification
More results

Similar Description - CFSS-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG-9001LB ETC2-SG-9001LB Datasheet
233Kb / 1P
CRYSTAL OSCILLATOR SPREAD SPECTRUM
logo
ECS, Inc.
ECS-3250SS ECS-ECS-3250SS Datasheet
203Kb / 2P
SPREAD SPECTRUM OSCILLATOR
logo
auris-GmbH
APSSO7050 AURIS-APSSO7050 Datasheet
376Kb / 2P
Oscillator SMD, spread spectrum, programmable
logo
IQD Frequency Products ...
CFSS-2 IQD-CFSS-2 Datasheet
214Kb / 3P
Spread Spectrum Oscillator Specification
IQXS-10 IQD-IQXS-10 Datasheet
170Kb / 2P
Spread Spectrum Oscillator Specification
IQXS-11 IQD-IQXS-11 Datasheet
172Kb / 2P
Spread Spectrum Oscillator Specification
IQXS-30 IQD-IQXS-30 Datasheet
173Kb / 2P
Spread Spectrum Oscillator Specification
IQXS-31 IQD-IQXS-31 Datasheet
173Kb / 2P
Spread Spectrum Oscillator Specification
logo
SiTime Corp.
SIT9003 SITIME-SIT9003 Datasheet
444Kb / 9P
Low Power Spread Spectrum Oscillator
logo
Fox Electronics
S7BC FOX-S7BC Datasheet
233Kb / 3P
7x5mm Spread Spectrum SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com