Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2812 Datasheet(PDF) 21 Page - Analog Devices

Part # ADN2812
Description  Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2812 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADN2812 Datasheet HTML 17Page - Analog Devices ADN2812 Datasheet HTML 18Page - Analog Devices ADN2812 Datasheet HTML 19Page - Analog Devices ADN2812 Datasheet HTML 20Page - Analog Devices ADN2812 Datasheet HTML 21Page - Analog Devices ADN2812 Datasheet HTML 22Page - Analog Devices ADN2812 Datasheet HTML 23Page - Analog Devices ADN2812 Datasheet HTML 24Page - Analog Devices ADN2812 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ADN2812
Rev. 0 | Page 21 of 28
APPLICATIONS INFORMATION
PCB DESIGN GUIDELINES
Proper RF PCB design techniques must be used for optimal
performance.
Power Supply Connections and Ground Planes
Use of one low impedance ground plane is recommended. The
VEE pins should be soldered directly to the ground plane to
reduce series inductance. If the ground plane is an internal
plane and connections to the ground plane are made through
vias, multiple vias can be used in parallel to reduce the series
inductance, especially on Pin 23, which is the ground return for
the output buffers. The exposed pad should be connected to the
GND plane using plugged vias so that solder does not leak
through the vias during reflow.
Use of a 10 µF electrolytic capacitor between VCC and VEE is
recommended at the location where the 3.3 V supply enters the
PCB. When using 0.1 µF and 1 nF ceramic chip capacitors, they
should be placed between the IC power supply VCC and VEE,
as close as possible to the ADN2812 VCC pins.
If connections to the supply and ground are made through vias,
the use of multiple vias in parallel helps to reduce series
inductance, especially on Pin 24, which supplies power to the
high speed CLKOUTP/CLKOUTN and DATAOUTP/
DATAOUTN output buffers. Refer to the schematic in Figure 24
for recommended connections.
By using adjacent power supply and GND planes, excellent high
frequency decoupling can be realized by using close spacing
between the planes. This capacitance is given by
( )
pF
ε
88
.
0
A/d
C
r
plane
=
where:
ε
r
is the dielectric constant of the PCB material.
A is the area of the overlap of power and GND planes (cm2).
d is the separation between planes (mm).
For FR-4, εr = 4.4 mm and 0.25 mm spacing, C ~15 pF/cm2.
RTH
NC
NC = NO CONNECT
1
2
3
4
5
6
7
8
TEST1
VCC
VREF
NIN
PIN
SLICEP
SLICEN
VEE
VCC
50
Ω
TRANSMISSION LINES
100
Ω
× 4
VCC
VEE
LOS
SDA
SCK
SADDR5
VCC
VEE
9
10 11 12 13141516
32 31 30 29 28 27 26 25
24
23
22
21
20
19
18
17
EXPOSED PAD
TIED OFF TO
VEE PLANE
WITH VIAS
CLKOUTN
CLKOUTP
DATAOUTN
DATAOUTP
VCC
TIA
50
Ω
50
Ω
CIN
CIN
1nF
0.1
µF
0.1
µF
10
µF
+
0.1
µF
1nF
VCC
VCC
VCC
µC
µC
I2C
CONTROLLER
0.1
µF
1nF
0.1
µF
VCC
1nF
0.1
µF
0.47
µF ± 20% >300MΩ
INSULATION RESISTANCE
1nF
Figure 24. Typical ADN2812 Applications Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com