Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-252-2L Datasheet(PDF) 2 Page - ZP Semiconductor

Part # TO-252-2L
Description  Plastic-Encapsulate MOSFETS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

TO-252-2L Datasheet(HTML) 2 Page - ZP Semiconductor

  TO-252-2L Datasheet HTML 1Page - ZP Semiconductor TO-252-2L Datasheet HTML 2Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical characteristics (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Off characteristics
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =250µA
100
V
Zero gate voltage drain current
IDSS
VDS =100V, VGS =0V
1
µA
Gate-body leakage current
IGSS
VDS =0V, VGS =±20V
±
100
nA
On characteristics (note2)
Gate-threshold voltage
VGS(th)
VDS =VGS, ID =250µA
1.2
2.5
V
Static drain-source on-resistance
RDS(on)
VGS =10V, ID =5A
0.14
Ω
Forward transconductance
gfs
VDS =25V, ID =6A
3.5
.
S
Dynamic characteristics (note 3)
Input capacitance
Ciss
690
Output capacitance
Coss
120
Reverse transfer capacitance
Crss
VDS =25V,VGS =0V,f =1MHz
90
pF
Switching characteristics (note 3)
Turn-on delay time
td(on)
11
Turn-on rise time
tr
7.4
Turn-off delay time
td(off)
35
Turn-off fall time
tf
VDD=30V, RG=2.5Ω, ID =2A,
VGS =10V
9.1
ns
Total Gate Charge
Qg
15.5
nC
Gate-Source Charge
Qgs
3.2
nC
Gate-Drain Charge
Qgd
VDS =30V,VGS =10V,ID =3A
4.7
nC
Drain-Source Diode Characteristics
Drain-source diode forward voltage (note2)
VSD
VGS = 0V, IS =9A
1.2
V
Continuous drain-source diode forward
current
IS
9.6
A
Pulsed drain-source diode forward current
ISM
38.4
A
Notes :
1.
IL=10A, VDD=50V, RG=25Ω,Starting TJ=25
℃.
2.
Pulse Test : Pulse width≤300µs, duty cycle ≤2%.
3.
Guaranteed by design, not subject to production
2 of 2
sales@zpsemi.com
www.zpsemi.com
CJU10N10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com