Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7802 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV7802
Description  High Side Current Monitor 8V to 450V Configurable Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7802 Datasheet(HTML) 2 Page - Supertex, Inc

  HV7802_13 Datasheet HTML 1Page - Supertex, Inc HV7802_13 Datasheet HTML 2Page - Supertex, Inc HV7802_13 Datasheet HTML 3Page - Supertex, Inc HV7802_13 Datasheet HTML 4Page - Supertex, Inc HV7802_13 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-HV7802
A062813
HV7802
Absolute Maximum Ratings
LOAD
IN
GND
OUT
1
8
6
2
3
RA
NC
7
NC
5
NC
4
Pin Configuration
Sym
Parameter
Min
Typ
Max
Units Conditions
Supply
V
IN
Supply voltage
8.0
-
450
V
* ---
I
Q
Quiescent supply current
-
-
50
µA
- V
IN = 8V to 450V, VSENSE = 0mV
Input and Output
I
OUT
Ouput current
-
-
200
µA
- ---
V
OUT
Output voltage,
R
A = RB = 5.000kΩ
0
-
15
mV
-
V
SENSE = 0mV
79
-
121
V
SENSE = 100mV
177
-
223
V
SENSE = 200mV
470
-
530
V
SENSE = 500mV
Dynamic Characteristics
t
RISE
Output rise time, 10% to 90%
-
0.7
-
µs
-
V
SENSE step 5.0mV to 500mV
-
-
2.0
V
SENSE step 0mV to 500mV
t
FALL
Output fall time, 90% to 10%
-
0.7
2.0
µs
- V
SENSE step 500mV to 0mV
Electrical Characteristics (T
A = 25°C unless otherwise specified, VSENSE = VIN - VLOAD, VIN = 8V to 450V)
*
Values apply over the full temperature range.
Parameter
Value
V
IN, VLOAD
-0.5V to +460V
V
OUT
-0.5V to +10V
V
SENSE
-0.5V to +5.0V
I
LOAD
±10mA
Operating ambient temperature
-40°C to +85°C
Operating junction temperature
-40°C to +125°C
Storage temperature
-65°C to +150°C
Absolute maximum ratings are those values beyond which damage to
the device may occur. Functional operation under these conditions is not
implied. Continuous operation of the device at the absolute rating level
may affect device reliability. All voltages are referenced to device ground.
Product Marking
L = Lot Number
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
7802
LLLL
Top Marking
Bottom Marking
YYWW
8-Lead MSOP
8-Lead MSOP
(top view)
Package may or may not include the following marks: Si or
Notes:
1.
Referenced to GND
2.
V
SENSE = VIN - VLOAD
Ordering Information
Part Number
Package Option Packing
HV7802MG-G
8-Lead MSOP
2500/Reel
Typical Thermal Resistance
Package
θ
ja
8-Lead MSOP
216OC/W
-G denotes a lead (Pb)-free / RoHS compliant package
Note:
Thermal testboard per JEDEC JESD51-7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com