Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3522ACP-1.8 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP3522ACP-1.8
Description  GSM Power Management System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3522ACP-1.8 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP3522ACP-1.8 Datasheet HTML 12Page - Analog Devices ADP3522ACP-1.8 Datasheet HTML 13Page - Analog Devices ADP3522ACP-1.8 Datasheet HTML 14Page - Analog Devices ADP3522ACP-1.8 Datasheet HTML 15Page - Analog Devices ADP3522ACP-1.8 Datasheet HTML 16Page - Analog Devices ADP3522ACP-1.8 Datasheet HTML 17Page - Analog Devices ADP3522ACP-1.8 Datasheet HTML 18Page - Analog Devices ADP3522ACP-1.8 Datasheet HTML 19Page - Analog Devices ADP3522ACP-1.8 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
REV. 0
–20–
ADP3522
OUTLINE DIMENSIONS
32-Lead Frame Chip Scale Package [LFCSP]
5 mm
5 mm Body
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-220-VHHD-2
0.30
0.23
0.18
12 MAX
0.20 REF
0.05 MAX
0.02 NOM
COPLANARITY
0.08
1.00 MAX
0.65 NOM
1.00
0.90
0.80
1
32
8
9
25
24
16
17
BOTTOM
VIEW
0.50
0.40
0.30
3.50
REF
0.50
BSC
PIN 1
INDICATOR
TOP
VIEW
5.00
BSC SQ
4.75
BSC SQ
SQ
3.25
3.10
2.95
PIN 1
INDICATOR
0.60 MAX
0.60 MAX
SEATING
PLANE
5.36
3.96
3.56
3.80
0.08
0.50
0.20
0.70
0.30
Dimensions shown in millimeters
Figure 11. 5 mm
5 mm LFCSP Pad Pattern
0.60
1.18
1.18
0.60
ARRAY OF 9 VIAS
0.25mm DIAMETER
0.35 m PLATING
THERMAL PAD AREA
Dimensions shown in millimeters
Figure 12. 5 mm
5 mm LFSCP Via Pattern
CREATE SOLDER PASTE
WEB FOR APPROX 80%
COVERAGE 125 MICRONS
WIDE TO SEPARATE
SOLDER PASTE AREA
THERMAL PAD AREA
Figure 13. 5 mm
5 mm LFSCP Solder Paste Mask Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com