Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5422 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5422
Description  14-Bit, 62MSPS Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5422 Datasheet(HTML) 1 Page - Texas Instruments

  ADS5422 Datasheet HTML 1Page - Texas Instruments ADS5422 Datasheet HTML 2Page - Texas Instruments ADS5422 Datasheet HTML 3Page - Texas Instruments ADS5422 Datasheet HTML 4Page - Texas Instruments ADS5422 Datasheet HTML 5Page - Texas Instruments ADS5422 Datasheet HTML 6Page - Texas Instruments ADS5422 Datasheet HTML 7Page - Texas Instruments ADS5422 Datasheet HTML 8Page - Texas Instruments ADS5422 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ADS5422
14-Bit, 62MSPS Sampling
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q HIGH DYNAMIC RANGE:
High SFDR: 85dB at 10MHz fIN
High SNR: 72dB at 10MHz fIN
q PREMIUM TRACK-AND-HOLD:
Differential Inputs
Selectable Full-Scale Input Range
q FLEXIBLE CLOCKING:
Differential or Single-Ended
Accepts Sine or Square Wave Clocking Down to
0.5Vp-p
Variable Threshold Level
APPLICATIONS
q COMMUNICATIONS RECEIVERS
q TEST INSTRUMENTATION
q CCD IMAGING
14-Bit
Pipelined
ADC
Core
Reference and
Mode Select
Reference Ladder
and Driver
Timing Circuitry
Error
Correction
Logic
3-State
Outputs
T&H
D0
D13
•
•
•
+V
S
ADS5422
CLK
CLK
OE
SEL2
REFB
V
REF
REFT
VDRV
IN
2Vp-p
2Vp-p
CM
(+2.5V)
PD
SEL1
IN
DV
ADS5422
SBAS250C – MARCH 2002 – REVISED MARCH 2004
www.ti.com
Copyright © 2002-2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DESCRIPTION
The ADS5422 is a high-dynamic range, 14-bit, 62MSPS,
pipelined Analog-to-Digital Converter (ADC). It includes a
high-bandwidth linear track-and-hold amplifier that gives good
spurious performance up to the Nyquist rate. The clock input
can accept a low-level differential sine wave or square wave
signal down to 0.5Vp-p, further improving the Signal-to-Noise
Ratio (SNR) performance.
The ADS5422 has a 4Vp-p differential input range
(2Vp-p • 2 inputs) for optimum Spurious-Free Dynamic
Range (SFDR). The differential operation gives the lowest
even-order harmonic components. A lower input voltage can
also be selected using the internal references, further optimizing
SFDR.
The ADS5422 is available in an LQFP-64 package.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - ADS5422

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5422 TI1-ADS5422 Datasheet
999Kb / 25P
14-Bit, 62MSPS Sampling ANALOG-TO-DIGITAL CONVERTER
ADS5422Y/250 TI1-ADS5422Y/250 Datasheet
999Kb / 25P
14-Bit, 62MSPS Sampling ANALOG-TO-DIGITAL CONVERTER
ADS5422 TI1-ADS5422_14 Datasheet
999Kb / 25P
14-Bit, 62MSPS Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5422

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8324 TI-ADS8324 Datasheet
341Kb / 14P
14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS5421 BURR-BROWN-ADS5421 Datasheet
395Kb / 21P
14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS852 BURR-BROWN-ADS852 Datasheet
63Kb / 5P
14-Bit, 65MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS902 BURR-BROWN-ADS902 Datasheet
149Kb / 11P
10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Intronics Power, Inc.
DAS1152 INTRONICS-DAS1152 Datasheet
868Kb / 4P
14-Bit & 15-Bit Sampling Analog To Digital Converter
logo
Texas Instruments
ADS8324 TI1-ADS8324_14 Datasheet
740Kb / 20P
14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS5421 TI1-ADS5421_14 Datasheet
996Kb / 26P
14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS5422 TI1-ADS5422_14 Datasheet
999Kb / 25P
14-Bit, 62MSPS Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324 TI1-ADS8324_15 Datasheet
741Kb / 19P
14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com