Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML610Q418 Datasheet(PDF) 2 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q418
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q418 Datasheet(HTML) 2 Page - LAPIS Semiconductor Co., Ltd.

  ML610Q418 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML610Q418 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML610Q418 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML610Q418 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML610Q418 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML610Q418 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML610Q418 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML610Q418 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML610Q418 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
FEDL610Q418-01
ML610Q418/ML610Q418C
2/38
• Capture
− Time base capture × 2 channels (4096 Hz to 32 Hz)
• PWM
− Resolution 16 bits × 1 channel
• Synchronous serial port
− Master/slave selectable × 2 channel
− LSB first/MSB first selectable
− 8-bit length/16-bit length selectable
• UART
− TXD/RXD × 2channel
− Bit length, parity/no parity, odd parity/even parity, 1 stop bit/2 stop bits
− Positive logic/negative logic selectable
− Built-in baud rate generator
• I2C bus interface
− Master function only
− Fast mode (400 kbps@4MHz), standard mode (100 kbps@4MHz, 50kbps@500kHz)
• Melody driver
− Scale: 29 types (Melody sound frequency: 508 Hz to 32.768 kHz)
− Tone length: 63 types
− Tempo: 15 types
− Buzzer output mode (4 output modes, 8 frequencies, 16 duty levels)
• RC oscillation type A/D converter
− 24-bit counter
− Time division × 2 channels
• Successive approximation type A/D converter (SA-ADC)
− 12-bit A/D converter
− Input × 4 channels
• General-purpose ports
− Input-only port × 6 channels (including secondary functions)
− Output-only port × 3 channels (including secondary functions)
−
Input/output port
ML610Q418
: 18 channels (including secondary functions)
ML610Q418C : 26 channels (including secondary functions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com