Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML610Q426 Datasheet(PDF) 2 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q426
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q426 Datasheet(HTML) 2 Page - LAPIS Semiconductor Co., Ltd.

  ML610Q426 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML610Q426 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML610Q426 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML610Q426 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML610Q426 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML610Q426 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML610Q426 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML610Q426 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML610Q426 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
FEDL610Q426-01
ML610Q426/426
2/34
• Watchdog timer
− Non-maskable interrupt and reset
− Free running
− Overflow period: 4 types selectable (125ms, 500ms, 2s, and 8s)
• Timers
− 8 bits × 4 channels (Timer0-3: 16-bit x 2 configuration available by using Timer0-1 or TimerI-J)
− Clock frequency measurement mode (in one channel of 16-bit configuration using TimerI-J)
− Continuous timer mode/One shot timer mode
− Timer count start/stop by software and external trigger
• 1 kHz timer
− 10 Hz/1 Hz interrupt function
• PWM
− Resolution 16 bits × 1 channel
− Continuous PWM mode/One shot PWM mode
− PWM start/stop by software and external trigger
• Synchronous serial port
− Master/slave selectable × 2 channel
− LSB first/MSB first selectable
− 8-bit length/16-bit length selectable
• UART
− Half-Duplex Communication
− TXD/RXD × 1 channel
− Bit length, parity/no parity, odd parity/even parity, 1 stop bit/2 stop bits
− Positive logic/negative logic selectable
− Built-in baud rate generator
• I2C bus interface
− Master function only
− Standard mode (50 kbps@1MHz, 100kbps@1MHz)
• Melody driver
− Scale: 29 types (Melody sound frequency: 508 Hz to 32.768 kHz)
− Tone length: 63 types
− Tempo: 15 types
− Buzzer output mode (4 output modes, 8 frequencies, 16 duty levels)
• RC oscillation type A/D converter
− 16-bit counter
− Time division x 1.5 channels
• General-purpose ports
ML610Q426, ML610426 :
- Input-only port: 5 channels
- Input/output port: 7 channels (including secondary functions)
ML610Q426C :
- Input-only port: 7 channels
- Input/output port: 13 channels (including secondary functions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com