Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML610421 Datasheet(PDF) 1 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610421
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610421 Datasheet(HTML) 1 Page - LAPIS Semiconductor Co., Ltd.

  ML610421 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
FEDL610421-02
Issue Date: Feb.9, 2015
ML610421
8-bit Microcontroller with a Built-in LCD driver
1/31
GENERAL DESCRIPTION
This LSI is a high-performance 8-bit CMOS microcontroller into which rich peripheral circuits, such as synchronous serial port,
UART, I
2C bus interface (master), melody driver, battery level detect circuit, RC oscillation type A/D converter, 12-bit
successive approximation type A/D converter, and LCD driver, are incorporated around 8-bit CPU nX-U8/100.
The CPU nX-U8/100 is capable of efficient instruction execution in 1-intruction 1-clock mode by 3-stage pipe
line architecture parallel procesing. This LSI operates in both high/low-speed mode and power-saving mode, it is most
suitable for battery operated products.
FEATURES
• CPU
− 8-bit RISC CPU (CPU name: nX-U8/100)
− Instruction system: 16-bit instructions
− Instruction set:
Transfer,
arithmetic
operations,
comparison,
logic
operations,
multiplication/division,
bit
manipulations, bit logic operations, jump, conditional jump, call return stack manipulations, arithmetic
shift, and so on
− Minimum instruction execution time
30.5
µs (@32.768 kHz system clock)
0.24 4
µs (@4.096 MHz system clock)
• Internal memory
− Internal 32KBbyte mask ROM (16K×16 bits) (including unusable 1KByte TEST area)
− Internal 1KByte Data RAM (1024×8 bits), 1KByte Display Allocation RAM (1024 x 8bit)
− Internal 100Byte RAM for display
• Interrupt controller
− 2 non-maskable interrupt sources (Internal source: 1, External source: 1)
− 20 maskable interrupt sources (Internal sources: 16, External sources: 4)
• Time base counter
− Low-speed time base counter ×1 channel
Frequency compensation (Compensation range: Approx.
−488ppm to +488ppm. Compensation accuracy: Approx.
0.48ppm)
− High-speed time base counter ×1 channel
• Watchdog timer
− Non-maskable interrupt and reset
− Free running
− Overflow period: 4 types selectable (125ms, 500ms, 2s, and 8s)
• Timers
−
8 bits
× 4 channels (Timer0-3: 16-bit x 2 configuration available by using Timer0-1 or Timer2-3)
−
Clock frequency measurement mode (in one channel of 16-bit configuration using Timer2-3)


Similar Part No. - ML610421

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML610426 LAPIS-ML610426 Datasheet
656Kb / 34P
8-bit Microcontroller with a Built-in LCD driver
ML610429 LAPIS-ML610429 Datasheet
562Kb / 29P
8-bit Microcontroller with a Built-in LCD drive
More results

Similar Description - ML610421

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
672Kb / 37P
8-bit Microcontroller with a Built-in LCD driver
ML610Q428 ETC2-ML610Q428 Datasheet
609Kb / 32P
8-bit Microcontroller with a Built-in LCD driver
ML610471 ETC2-ML610471 Datasheet
431Kb / 41P
8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
8-bit Microcontroller with a Built-in LCD driver
ML610Q409 ETC2-ML610Q409 Datasheet
426Kb / 34P
8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q419 LAPIS-ML610Q419 Datasheet
831Kb / 38P
8-bit Microcontroller with a Built-in LCD driver
ML610Q431 LAPIS-ML610Q431 Datasheet
775Kb / 37P
8-bit Microcontroller with a Built-in LCD driver
ML610Q438 LAPIS-ML610Q438 Datasheet
688Kb / 39P
8-bit Microcontroller with a Built-in LCD driver
ML610407 LAPIS-ML610407 Datasheet
385Kb / 34P
8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com