Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7801 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV7801
Description  High Side Current Monitor 8.0 to 450V Voltage Gain of 5
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7801 Datasheet(HTML) 2 Page - Supertex, Inc

  HV7801_13 Datasheet HTML 1Page - Supertex, Inc HV7801_13 Datasheet HTML 2Page - Supertex, Inc HV7801_13 Datasheet HTML 3Page - Supertex, Inc HV7801_13 Datasheet HTML 4Page - Supertex, Inc HV7801_13 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-HV7801
A062813
HV7801
Absolute Maximum Ratings
Parameter
Value
V
IN, VLOAD
-0.5V to +460V
V
OUT
-0.5V to +10V
V
SENSE
-0.5V to +5.0V
I
LOAD
±10mA
Operating ambient temperature
-40°C to +85°C
Operating junction temperature
-40°C to +125°C
Storage temperature
-65°C to +150°C
Absolute maximum ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
Sym
Parameter
Min
Typ
Max
Units Conditions
Supply
V
IN
Supply voltage
8.0
-
450
V
*
---
I
Q
Quiescent supply current
-
-
50
µA
- V
IN = 8V to 450V, VSENSE = 0mV
Input and Output
R
OUT
OUT pin output resistance
-
16.5
-
kΩ
- ---
V
OUT
Output voltage
0
-
65
mV
-
V
SENSE = 0mV
420
-
580
V
SENSE = 100mV
913
-
1087
V
SENSE = 200mV
2395
-
2605
V
SENSE = 500mV
Dynamic Characteristics
t
RISE
Output rise time, 10% to 90%
-
0.7
-
µs
-
V
SENSE step 5.0mV to 500mV
-
-
2.0
V
SENSE step 0mV to 500mV
t
FALL
Output fall time, 90% to 10%
-
0.7
2.0
µs
- V
SENSE step 500mV to 0mV
Electrical Characteristics (T
A = 25°C unless otherwise specified, VIN = 8V to 450V)
* Values apply over the full temperature range.
IN
LOAD
OUT
GND
1
5
4
2
3
NC
Pin Configuration
Product Marking
Y = Last Digit of Year Sealed
W = Code for Week Sealed
= “Green” Packaging
7BYW
5-Lead SOT-23
Package may or may not include the following marks: Si or
5-Lead SOT-23
(top view)
Notes:
1.
Referenced to GND
2.
V
SENSE = VIN - VLOAD
Ordering Information
Part Number
Package Option Packing
HV7801K1-G
5-Lead SOT-23
2500/Reel
Typical Thermal Resistance
Package
θ
ja
5-Lead SOT-23
253OC/W
-G denotes a lead (Pb)-free / RoHS compliant package
Note:
Thermal testboard per JEDEC JESD51-7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com