Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7800 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV7800
Description  High Side Current Monitor 8.0 to 450V Voltage Gain of 1
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7800 Datasheet(HTML) 2 Page - Supertex, Inc

  HV7800_13 Datasheet HTML 1Page - Supertex, Inc HV7800_13 Datasheet HTML 2Page - Supertex, Inc HV7800_13 Datasheet HTML 3Page - Supertex, Inc HV7800_13 Datasheet HTML 4Page - Supertex, Inc HV7800_13 Datasheet HTML 5Page - Supertex, Inc HV7800_13 Datasheet HTML 6Page - Supertex, Inc HV7800_13 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-HV7800
A062813
HV7800
Absolute Maximum Ratings
Parameter
Value
V
IN, VLOAD
1
-0.5V to +460V
V
OUT
1
-0.5V to +10V
V
SENSE
2
-0.5V to +5.0V
I
LOAD
±10mA
Operating ambient temperature
-40°C to +85°C
Operating junction temperature
-40°C to +125°C
Storage temperature
-65°C to +150°C
Absolute maximum ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
Sym
Parameter
Min
Typ
Max
Units Conditions
Supply
V
IN
Supply voltage
8.0
-
450
V
* ---
I
Q
Quiescent supply current
-
-
50
µA
- V
IN = 8.0V to 450V, VSENSE = 0mV
Input and Output
R
OUT
OUT pin output resistance
-
3.6
-
kΩ
- ---
V
OUT
Output voltage
0
-
15
mV
- V
SENSE = 0mV
79
-
121
- V
SENSE = 100mV
177
-
223
- V
SENSE = 200mV
470
-
530
- V
SENSE = 500mV
Dynamic Characteristics
t
RISE
Output rise time, 10% to 90%
-
0.7
-
µs
- V
SENSE step 5.0mV to 500mV
-
-
2.0
- V
SENSE step 0mV to 500mV
t
FALL
Output fall time, 90% to 10%
-
0.7
2.0
µs
* V
SENSE step 500mV to 0mV
Electrical Characteristics (T
A = 25°C unless otherwise specified, VIN = 8V to 450V)
Notes:
1.
Referenced to GND
2.
V
SENSE = VIN - VLOAD
IN
LOAD
OUT
GND
1
5
4
2
3
NC
Pin Configuration
Product Marking
7AYW
Y = Last Digit of Year Sealed
W = Code for Week Sealed
= “Green” Packaging
5-Lead SOT-23
* Values apply over the full temperature range
5-Lead SOT-23
(top view)
Package may or may not include the following marks: Si or
Ordering Information
Part Number
Package Option Packing
HV7800K1-G
5-Lead SOT-23
2500/Reel
Typical Thermal Resistance
Package
θ
ja
5-Lead SOT-23
253OC/W
-G denotes a lead (Pb)-free / RoHS compliant package
Note:
Thermal testboard per JEDEC JESD51-7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com