Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7620 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV7620
Description  40MHz, 32-Channel Serial to Parallel Converter with Push-Pull Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7620 Datasheet(HTML) 2 Page - Supertex, Inc

  HV7620_13 Datasheet HTML 1Page - Supertex, Inc HV7620_13 Datasheet HTML 2Page - Supertex, Inc HV7620_13 Datasheet HTML 3Page - Supertex, Inc HV7620_13 Datasheet HTML 4Page - Supertex, Inc HV7620_13 Datasheet HTML 5Page - Supertex, Inc HV7620_13 Datasheet HTML 6Page - Supertex, Inc HV7620_13 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
HV7620
Supertex inc.
www.supertex.com
Doc.# DSFP-HV7620
C112213
Absolute Maximum Ratings
Parameter
Value
Supply voltage, V
DD1
-0.5V to +14V
Supply voltage, V
DD2
-0.5V to +14V
Supply voltage, V
PP
-0.5V to +225V
Logic input levels
-2.0V to V
DD1 + 2.0V
Continuous total power dissipation1
1200mW
Operating temperature range
-40°C to +85°C
Storage temperature range
-65°C to +150°C
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability. All voltages are referenced to device ground.
Notes:
1.
For operation above 25°C ambient derate linearly to maximum
operating temperature at 20mW/°C.
Recommended Operating Conditions
Sym
Parameter
Min
Max
Units
V
DD1
Logic supply voltage
4.5
V
DD2
V
V
DD2
12V supply voltage
10.8
13.2
V
V
PP
High voltage supply voltage
50
200
V
V
IH
High-level input voltage
V
DD1 -0.5V
V
DD1
V
V
IL
Low-level input voltage
0
0.5
V
f
CLK
Clock frequency
V
DD1 = 5.0V
-
10
MHz
V
DD1 = 12V
-
5
MHz
T
A
Operating temperature range
-40
+85
°C
I
OD
Allowable pulsed current through output diodes1
-
500
mA
I
GND(VPP)
Allowable pulsed V
PP or HVGND current
1
-
16
A
V
PP(SLEW)
Slew rate of V
PP
-
340
V/µs
Notes:
1.
The current pulse width = 500ns, duty cycle = 5%.
Pin Configuration
1
64
Product Marking
L = Lot Number
YY = Year Sealed
WW = Week Sealed
C = Country of Origin
A = Assembler ID
= “Green” Packaging
Top Marking
HV7620PG
LLLLLLLLLL
YYWW
CCCCCCCC AAA
64-Lead PQFP (3-sided)
64-Lead PQFP (3-sided)
(top view)
Package may or may not include the following marks: Si or
Ordering Information / Availability
Part Number
Package Option
Packing
HV7620PG-G 64-Lead PQFP (3-sided)
66/tray
Typical Thermal Resistance
Package
θ
ja
64-Lead PQFP
41OC/W
-G denotes a lead (Pb)-free / RoHS compliant package



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com