Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV892K7-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV892K7-G
Description  Inductorless Liquid Lens Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV892K7-G Datasheet(HTML) 2 Page - Supertex, Inc

  HV892K7-G Datasheet HTML 1Page - Supertex, Inc HV892K7-G Datasheet HTML 2Page - Supertex, Inc HV892K7-G Datasheet HTML 3Page - Supertex, Inc HV892K7-G Datasheet HTML 4Page - Supertex, Inc HV892K7-G Datasheet HTML 5Page - Supertex, Inc HV892K7-G Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
HV892
Supertex inc.
www.supertex.com
Doc.# DSFP-HV892
A042314
Absolute Maximum Ratings
Parameter
Value
V
IN, VDD
-0.5V to +6.5V
SDA, SCL
-0.5V to +6.5V
Operating temperature
-40°C to +85°C
Storage temperature
-65°C to +150°C
Electrical Specifications (Over recommended operating conditions @ T
A = 25
O
C unless otherwise specified)
Pin Configuration
Product Marking
10-Lead DFN
(top view)
Note:
Pads are at the bottom of the package. Center heat slug is at ground potential
Recommended Operating Conditions
Sym
Parameter
Min
Typ
Max
Units
Conditions
V
IN
Supply voltage
2.65
-
5.50
V
---
V
DD
I2C logic level reference
1.70
-
2.95
V
---
t
VIN
Time for V
IN to ramp to 90%
1
-
-
2.0
ms
---
C
IN
Supply bypass capacitor
-
2.2
-
μF
---
C
HV
High voltage storage capacitor
24
-
-
x C
LOAD
100V rating
C
LOAD
Load (lens) capacitance
100
150
200
pF
---
f
SCL
I2C clock
-
-
400
kHz
---
T
A
Ambient temperature
-25
-
+85
O
C
---
Notes:
1.
To assure the driver powers up in standby state. No damage will occur if ramped up slower.
10-Lead DFN
Sym
Parameter
Min
Typ
Max Units Conditions
I
IN
V
IN supply current
-
-
500
nA
AMP = 00h, SDA = V
DD, SCL = VDD
-
8.0
20
mA
AMP = FFh, SDA = V
DD, SCL = VDD
I
DD
V
DD supply current
-
-
500
nA
AMP = 00h, SDA = V
DD, SCL = VDD
-
9.0
12
μA
AMP = FFh, SDA = V
DD, SCL = VDD
HV
Output voltage of internal boost
converter
71
75
79
V
C
LOAD = 0pF
8
2
3
4
7
6
5
VIN
SCL
NC
SDA
VDD
OUT1
OUT2
GND2
10
1
GND1
HV
9
H892
YWLL
Y = Last Digit of Year Sealed
W = Code for Week Sealed
L = Lot Number
= “Green” Packaging
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Package may or may not include the following marks: Si or
Typical Thermal Resistance
Package
R
θja
10-Lead DFN (4x4)
44OC/W
-G indicates package is RoHS compliant (‘Green’)
Ordering Information
Part Number
Package Option
Packing
HV892K7-G
10-Lead DFN (4x4)
3000/Reel
ESD Sensitive Device



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com