Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMB05S Datasheet(PDF) 1 Page - Dc Components

Part # FMB05S
Description  RECTIFIER SPECIALISTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

FMB05S Datasheet(HTML) 1 Page - Dc Components

  FMB05S Datasheet HTML 1Page - Dc Components FMB05S Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL SPECIFICATIONS OF SURFACEMOUNTFASTRECOVERY BRIDGERECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts
CURRENT - 0.8 Ampere
FEATURES
* High surge current capability
* Ideal for printed circuit board
* Glass passivated junction
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
* Case: Molded plastic
MECHANICAL DATA
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: MIL-STD-202E, Method 208 guaranteed
* Polarity: Symbols molded or marked on body
* Mounting position: Any
* Weight: 0.1 gram
Dimensions in inches and (millimeters)
FMB05S
THRU
FMB10S
www.dccomponents.com
1
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Volts
Volts
Amps
UNITS
Volts
25
Amps
DC Blocking Voltage per element
1.3
pF
Maximum DC Forward Voltage Drop per Bridge Element at 0.8A DC
Volts
Maximum Reverse Current at rated
0.8
Operating and Storage Temperature Range
-50 to + 150
Maximum Average Forward Output Current at TA=70
(Note 1)
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Typical Junction Capacitance ( Note 2)
13
µAmps
90
0
C/W
Typical Thermal Resistance (Note 3)
0
C
5.0
50
@TA = 25
oC
@TA = 125
oC
Maximum Reverse Recovery Time (Note 4)
150
nS
NOTES: 1. Mounted on P.C. board with 4x(5x5mm ) copper pad.
2. Measured at 1.0 MHZ and applied reverse voltage of 4.0V DC.
3. Thermal resistance junction to ambient.
4. Measured with IF = 0.5 A, IR = 1 A, Irr = 0.25 A.
2
MBS
.106(2.7)
.090(2.3)
SPACING
.275(7.0)MAX.
.043(1.1)
.027(0.7)
.067(1.7)
.057(1.3)
.106(2.7)
.090(2.3)
.051(1.3)
.035(0.9)
.165(4.2)
.150(3.8)
.012(0.3)
.004(0.1)
.031(0.8)
.019(0.5)
.106(2.7)
.090(2.3)
.008(.02)
.197(5.0)
.177(4.5)
T J,TSTG
SYMBOL
VRRM
VDC
VRMS
IFSM
VF
IR
IO
CJ
R
θJA
trr
FMB05S FMB1S
FMB2S
FMB4S FMB6S
FMB8S
FMB10S
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
250
500


Similar Part No. - FMB05S

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
FMB0510D1 GWSEMI-FMB0510D1 Datasheet
228Kb / 3P
1-Line Bi-directional TVS Diode
FMB0511D2 GWSEMI-FMB0511D2 Datasheet
144Kb / 2P
Bi-directional TVS Diode Array
logo
Dc Components
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
RECTIFIER SPECIALISTS
More results

Similar Description - FMB05S

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
RECTIFIER SPECIALISTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com