Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV857L Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV857L
Description  Low Noise, High Voltage EL Lamp Driver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV857L Datasheet(HTML) 2 Page - Supertex, Inc

  HV857L_13 Datasheet HTML 1Page - Supertex, Inc HV857L_13 Datasheet HTML 2Page - Supertex, Inc HV857L_13 Datasheet HTML 3Page - Supertex, Inc HV857L_13 Datasheet HTML 4Page - Supertex, Inc HV857L_13 Datasheet HTML 5Page - Supertex, Inc HV857L_13 Datasheet HTML 6Page - Supertex, Inc HV857L_13 Datasheet HTML 7Page - Supertex, Inc HV857L_13 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-HV857L
A062013
HV857L
Absolute Maximum Ratings
Parameter
Value
Supply voltage, V
DD
-0.5V to 6.5V
Operating temperature
-40°C to +85°C
Storage temperature
-65°C to +150°C
8-Lead DFN power dissipation
1.6W
8-Lead MSOP power dissipation
300mW
Output voltage, V
CS
-0.5 to +120V
Absolute Maximum Ratings are those values beyond which damage to
the device may occur. Functional operation under these conditions is not
implied. Continuous operation of the device at the absolute rating level
may affect device reliability. All voltages are referenced to device ground.
Sym
Parameter
Min
Typ
Max
Units Conditions
V
DD
Supply voltage
1.8
-
5.0
V
---
f
EL
Operating drive frequency
-
-
1
kHz
---
T
A
Operating temperature
-40
-
+85
O
C
---
Recommended Operating Conditions
Product Marking
857L
YWLL
Y = Last Digit of Year Sealed
W = Code for Week Sealed
L = Lot Number
= “Green” Packaging
L = Lot Number
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
857L
LLLL
YYWW
Top Marking
Bottom Marking
8-Lead DFN
8-Lead MSOP
Pin Configurations
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
8-Lead MSOP
(top view)
Pads are at the bottom of the package.
Exposed center pad is at ground potential.
8-Lead DFN
(top view)
1
2
3
4
8
7
6
5
VDD
RSW-Osc
REL-Osc
GND
VA
VB
CS
LX
1
2
3
4
8
7
6
5
VDD
RSW-Osc
REL-Osc
GND
VA
VB
CS
LX
Typical Thermal Resistance
Package
θ
ja
8-Lead DFN
37OC/W
8-Lead MSOP
171OC/W
Mounted on FR4 board, 25mm x 25mm x 1.57mm
Ordering Information
Part Number
Package
Packing
HV857LK7-G
8-Lead DFN
3000/Reel
HV857LMG-G
8-Lead MSOP
2500/Reel
-G denotes a lead (Pb)-free / RoHS compliant package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com