Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMB12F Datasheet(PDF) 2 Page - Dc Components

Part # RMB12F
Description  RECTIFIER SPECIALISTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

RMB12F Datasheet(HTML) 2 Page - Dc Components

  RMB12F Datasheet HTML 1Page - Dc Components RMB12F Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R
DC COMPONENTS CO., LTD.
NUMBER OF CYCLES AT 60Hz
PERCENTAGE OF PEAK REVERSE VOLTAGE, %
T=
C
J
125
O
T=25 C
J
O
50
100
150
1.0
1
10
20
30
40
50
2
5
10
20
50
100
0.1
0
1.0
10
100
20
60
40
80
100 120
140
RATING AND CHARACTERISTIC CURVES ( RMB12F THRU RMB16F )
www.dccomponents.com
2
AMBIENT TEMPERATURE, C
O
0.5
2.0
3.0
0
FIG.3
TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
0
.2
.6
1.0
1.4
2.4
100
10
1
.1
2.0
1.8
FIG. 1
MAXIMUM NON-REPETITIVE SURGE CURRENT
FIG. 2
DERATING CURVE FOR OUTPUT RECTIFIED
CURRENT
FIG. 4
TYPICAL REVERSE CHARACTEISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com