Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV833MG-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV833MG-G
Description  High Voltage EL Lamp Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV833MG-G Datasheet(HTML) 2 Page - Supertex, Inc

  HV833MG-G Datasheet HTML 1Page - Supertex, Inc HV833MG-G Datasheet HTML 2Page - Supertex, Inc HV833MG-G Datasheet HTML 3Page - Supertex, Inc HV833MG-G Datasheet HTML 4Page - Supertex, Inc HV833MG-G Datasheet HTML 5Page - Supertex, Inc HV833MG-G Datasheet HTML 6Page - Supertex, Inc HV833MG-G Datasheet HTML 7Page - Supertex, Inc HV833MG-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-HV833
A061813
HV833
Absolute Maximum Ratings
Parameter
Value
Supply voltage V
DD
-0.5V to 7.5V
Output voltage, V
CS
-0.5V to 125V
Operating temperature
-40°C to +85°C
Storage temperature
-65°C to +150°C
Power dissipation
300mW
Sym
Parameter
Min
Typ
Max
Units Conditions
DC Electrical Characteristics (Over recommended operating conditions unless otherwise specified, T
A = 25°C)
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Pin Configuration
R
DS(ON)
On-resistance of switching transistor
-
-
4.0
Ω
I = 100mA
V
CS
Max. output regulation voltage
80
90
100
V
V
DD = 1.8 to 6.5V
V
A-B
Max differential output voltage across lamp
160
180
200
V
V
DD = 1.8 to 6.5V
I
DDQ
Quiescent V
DD supply current
-
-
100
nA
R
SW-Osc = Low
I
DD
Input current going into the VDD pin
-
-
150
µA
V
DD = 1.8 to 6.5V. See Fig. 1
I
IN
Input current including inductor current
-
56
64
mA
V
IN = 3.3V. See Fig. 1.
V
CS
Output voltage on V
CS
63
72
81
V
V
IN = 3.3V. See Fig. 1.
f
EL
V
DIFF output drive frequency
240
270
300
Hz
V
IN = 3.3V. See Fig. 1.
F
SW
Switching transistor frequency
55
65
75
kHz
V
IN = 3.3V. See Fig. 1.
D
Switching transistor duty cycle
-
88
-
%
See Fig. 1.
V
DD
Supply voltage
1.8
-
6.5
V
---
f
EL
V
A-B output drive frequency
60
-
1000
Hz
---
T
A
Operating temperature
-25
-
+85
°C
---
Recommended Operating Conditions
Sym
Parameter
Min
Typ
Max
Units Conditions
8
7
6
5
VA
VB
CS
LX
VDD
RSW-Osc
REL-Osc
GND
1
2
3
4
Product Marking
L = Lot Number
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
H833
LLLL
YYWW
Top Marking
Bottom Marking
8-Lead MSOP
8-Lead MSOP
(top view)
Package may or may not include the following marks: Si or
Ordering Information
Part Number
Package
Packing
HV833MG-G
8-Lead MSOP
2500/Reel
Typical Thermal Resistance
Package
θ
ja
8-Lead MSOP
216OC/W
-G denotes a lead (Pb)-free / RoHS compliant package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com